Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX5 Datasheet(PDF) 2 Page - GREATECS

Part # DX5
Description  End Stackable DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX5 Datasheet(HTML) 2 Page - GREATECS

  DX5 Datasheet HTML 1Page - GREATECS DX5 Datasheet HTML 2Page - GREATECS DX5 Datasheet HTML 3Page - GREATECS DX5 Datasheet HTML 4Page - GREATECS DX5 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIP Switches
End Stackable DIP Switches
DX5 Series
sales@greatecs.com
www.greatecs.com
2
1.Style:
This specification describes "DUAL IN-LINE PACKAGE SWITCHES" mainly used
as signal switch of electric devices with the general requirements of mechanical
and electrical characteristics.
1.1 Operating Temperature Range : -20
~ +85
1.2 Storage Temperature Range
: -40
~ +85
2. Current Range :
2.1 Non-Switching : 100mA, 50V DC
2.2 Switching
: 25mA , 24V DC
3. Type of Actuation: Actuated by sliding
4. Test Sequence
:
ITEM DESCRIPTION
TEST CONDITIONS
REQUIREMENTS
1
Visual
Examination
By visual examination check without
any out pressure & testing.
There shall be no
defects that affect the
serviceability of the
product.
2
Contact
Resistance
1)To be measured between the two
terminals associated with each
switch pole.
2)Measurements shall be made with a
1kHz shall current contact resistance
meter.
100m
max. (initial)
3
Insulation
Resistance
500V DC, 1 minute ± 5 sec.
100M
min.
4
Dielectric
withstand-
ing Voltage
500V AC (50Hz or 60 Hz) shall be
applied between all the adjacent
terminals and between the terminal
and the frame for 1 minute.
There shall be no
breakdown or
flashover.
5
.
x
a
m
F
p
5
z
H
k
0
1
±
z
H
M
1
e
c
n
a
t
i
c
a
p
a
C
6
Operation
Force
Applied in the direction of operation.
ON
OFF
OFF
ON
1000gf max
9.8N max
SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com