Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC7 Datasheet(PDF) 12 Page - GREATECS

Part # EC7
Description  12 mm Insulated Shaft Rotary Encoder with LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

EC7 Datasheet(HTML) 12 Page - GREATECS

Back Button EC7 Datasheet HTML 4Page - GREATECS EC7 Datasheet HTML 5Page - GREATECS EC7 Datasheet HTML 6Page - GREATECS EC7 Datasheet HTML 7Page - GREATECS EC7 Datasheet HTML 8Page - GREATECS EC7 Datasheet HTML 9Page - GREATECS EC7 Datasheet HTML 10Page - GREATECS EC7 Datasheet HTML 11Page - GREATECS EC7 Datasheet HTML 12Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Encoders
12 mm Insulated Shaft Rotary Encoder with LED
EC7 Series
sales@greatecs.com
www.greatecs.com
12
二
. LED 特性
直流正
向電流
DC Forward
Current
Max.
Typ.
Max.
Typ.
2
color
dissipation
2.1
3.3
_
2.5
_
4
30mA
_
25mA
_
4
一
. 回路: Circuit:
25mA
63mW
2.6
20mA
2.6
白 色
Red color
Green color
Orange color
2
2.5
White Color
Blue color
藍 色
63mW
75mW
100mW
紅 色
綠 色
橘 色
LED Characteristic
1. 逆電流:
[IR]=10uA [VR]=5V
Reverse Current: [IR]=10uA [VR]=5V
2. 反轉電壓:
5V
Reverse Voltage: 5V
3. 工作溫度:
-40 ℃~85℃
Operating Temperature:
-40℃~85℃
發光色
功率消耗
Vf(V) (@IF=20mA)
Though-hole type Surface-mount
type
Emitted
Power
100mW
20mA
3.2
2.8
3.5
1.7
2.5
2.2
2.5
L. E. D. COMMON SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com