Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC7 Datasheet(PDF) 2 Page - GREATECS

Part # EC7
Description  12 mm Insulated Shaft Rotary Encoder with LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

EC7 Datasheet(HTML) 2 Page - GREATECS

  EC7 Datasheet HTML 1Page - GREATECS EC7 Datasheet HTML 2Page - GREATECS EC7 Datasheet HTML 3Page - GREATECS EC7 Datasheet HTML 4Page - GREATECS EC7 Datasheet HTML 5Page - GREATECS EC7 Datasheet HTML 6Page - GREATECS EC7 Datasheet HTML 7Page - GREATECS EC7 Datasheet HTML 8Page - GREATECS EC7 Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Drawing 1: Bushing
7.0
M9*0.75
1.0
With Bushing (Standard)
Drawing 3: "LB" Length
Horizontal
Vertical
5
Standard
(LB)
0.6
(LB)
A
(LB)
1.5
C
5
(LB)
Standard
L
L
Drawing 2: Type of Terminal
Vertical
Horizontal
2
4
3.5
P.C.B Type
Drawing 4: Shaft Shape
With
7.0
L
F
M9*0.75
Bushing
Without
Bushing
L
F
12
30
25
22.5
17.5
15
L
20
F7
57
7
12
F - Type
17.5
7
5
F
15
L
12
12
7
25
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com