Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC15ANP4 Datasheet(PDF) 4 Page - GREATECS

Part # ISC15ANP4
Description  Programmable OLED Video Switch and Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

ISC15ANP4 Datasheet(HTML) 4 Page - GREATECS

  ISC15ANP4 Datasheet HTML 1Page - GREATECS ISC15ANP4 Datasheet HTML 2Page - GREATECS ISC15ANP4 Datasheet HTML 3Page - GREATECS ISC15ANP4 Datasheet HTML 4Page - GREATECS ISC15ANP4 Datasheet HTML 5Page - GREATECS ISC15ANP4 Datasheet HTML 6Page - GREATECS ISC15ANP4 Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LCD Switches
Programmable OLED Video Switch and Display
IS Series
sales@greatecs.com
www.greatecs.com
4
SMARTSWITCH PART NUMBER & DESCRIPTION
SMARTSWITCH LCD SPECFICATIONS
Characteristics of Display
Display Device
Color OLED display module
Display Mode
Passive matrix
Viewing Area
12.9mm x 9.9mm (horizontal x vertical)
Pixel Format
52RGB x 36 pixels (horizontal x vertical)
Pixel Size
0.21mm x 0.22mm (horizontal x vertical)
Interface
Serial (SPI) interface
Number of Colors
65,536 Colors (16bit: B 5bit/G 6bit/R 5bit)
or 256 Colors (8bit: B 3bit/G 3bit/R 2bit)
Operating Temperature Range
–20°C ~ +70°C (–4°F ~ +158°F)
Storage Temperature Range
–30°C ~ +80°C (–22°F ~ +176°F)
Operating Life Time (Display)
15,000 hours (40% pixels ON)
Absolute Maximum Ratings
Items
Symbols
Ratings
Supply Voltage for
Logic/Interface
VDD
–0.3V to +4.0V
Supply Voltage for Drive
VCC
0.3V to +19.0V
Input Voltage
VI
–0.3V to V DD +0.3V
Current Consumption
(Temperature at 25°C, V DD = 2.8V, V CC = 16.0V)
Items
Symbols Min Typical
Max
All-Pixels-On Mode
*Drive System Power Current
ICC1
––
3.5mA
4.5mA
All-Pixels-On Mode
*Logic/IF System Power Current
IDD1
–– 0.16mA 0.2mA
Sleep Mode
**Drive System Power Current
ICC2
––
––
10A
Sleep Mode
**Logic/IF System Power Current
IDD2
––
––
10A
*All pixels shall be turned on with the maximum level gray scale
**All pixels shall be turned o (while chip is operating)
Optical Characteristics (Temperature at 25°C, Initial Value: 87 x 0F)
Items
Min
Typical
Max
Unit
Remarks
Luminosity
75
100
125
cd/m 2
White
(All pixels on)
White Color
Coordinate
(x)
0.29
0.31
0.35
––
(y)
0.30
0.35
0.40
––
Red Color
Coordinate
(x)
0.60
0.64
0.68
––
(y)
0.31
0.35
0.39
––
Green Color
Coordinate
(x)
0.26
0.30
0.34
––
(y)
0.59
0.63
0.67
––
Blue Color
Coordinate
(x)
0.10
0.14
0.18
––
(y)
0.12
0.18
0.24
––
Contrast Ratio
100
––
––
––
Part Number
Display Description
OLED
Pixel Format
ISC01P
Straight PC Terminals
Color OLED
Display Module
65,536 Colors
52RGB x 36 Pixels
Horizontal x Vertical
Absolute Maximum Ratings
Items
Symbols Minimum
Typical
Maximum
Supply Voltage for
Logic/Interface
VDD
2.4V
2.8V
3.5V
Supply Voltage for Drive
VCC
15.0V
16.0V
17.0V
Input High Level Voltage
VIH
0.8 x V DD
––
––
Input Low Level Voltage
VIL
––
––
0.2V x V DD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com