Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC15ANP4 Datasheet(PDF) 1 Page - GREATECS

Part # ISC15ANP4
Description  Programmable OLED Video Switch and Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

ISC15ANP4 Datasheet(HTML) 1 Page - GREATECS

  ISC15ANP4 Datasheet HTML 1Page - GREATECS ISC15ANP4 Datasheet HTML 2Page - GREATECS ISC15ANP4 Datasheet HTML 3Page - GREATECS ISC15ANP4 Datasheet HTML 4Page - GREATECS ISC15ANP4 Datasheet HTML 5Page - GREATECS ISC15ANP4 Datasheet HTML 6Page - GREATECS ISC15ANP4 Datasheet HTML 7Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LCD Switches
Programmable OLED Video Switch and Display
IS Series
sales@greatecs.com
www.greatecs.com
1
• Organic LED technology
• Range of 65,536 colors in 16 bit mode, 256 colors in 8 bit mode
• Full viewing angle of 180°
• Exceptional contrast and brightness: 50 times greater brightness than previous LCD products,
four times more enhanced resolution
• High resolution provides sharp, clear images of very small characters
• Operated by commands and data supplied via SPI communications protocol
• Distinct, long travel of 4.5mm (same as KP01 Series)
• Dust tight construction
• Sophisticated housing based on black color
Viewing area: 12.9mm x 9.9mm (horizontal x vertical)
High resolution of 52RGB x 36 pixels
Crimped terminals ensure secure PC mounting
and prevent dislodging during wave soldering
Actual Sizes
The OLED SMARTSWITCH TM Series complements
multiple applications, including:
• Broadcast equipment
• Image equipment
• Education equipment
• Vending machines
• Audio equipment
• POS
• Automation control equipment
Viewing area: 15.5mm x 11.6mm (horizontal x vertical)
High resolution of 64RGB x 48 pixels
Epoxy Sealed Straight PC Terminals
Snap-in Stando for Easy, Secure Mounting and Alignment
High reliability and long life of three million
actuations minimum
DISTINCTIVE CHARACTERISTICS
APPLICATIONS


Similar Part No. - ISC15ANP4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISC15ANP4 ETC2-ISC15ANP4 Datasheet
808Kb / 5P
Organic LED technology; now with 30,000 hours life and 30% less power consumption
More results

Similar Description - ISC15ANP4

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
logo
List of Unclassifed Man...
IS18WWC1W-K ETC2-IS18WWC1W-K Datasheet
452Kb / 8P
OLED Programmable Rocker Switch
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
logo
Crystalfontz America, I...
CFAL12832D-P CRYSTAIFONTZ-CFAL12832D-P Datasheet
617Kb / 13P
OLED DISPLAY MODULE
CFAL12864G-024W CRYSTAIFONTZ-CFAL12864G-024W Datasheet
449Kb / 10P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com