Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016AP Datasheet(PDF) 26 Page - NXP Semiconductors

Part # UBA2016AP
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016AP Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button UBA2016AP Datasheet HTML 22Page - NXP Semiconductors UBA2016AP Datasheet HTML 23Page - NXP Semiconductors UBA2016AP Datasheet HTML 24Page - NXP Semiconductors UBA2016AP Datasheet HTML 25Page - NXP Semiconductors UBA2016AP Datasheet HTML 26Page - NXP Semiconductors UBA2016AP Datasheet HTML 27Page - NXP Semiconductors UBA2016AP Datasheet HTML 28Page - NXP Semiconductors UBA2016AP Datasheet HTML 29Page - NXP Semiconductors UBA2016AP Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
26 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
Vrestart(VDD)
restart voltage on pin VDD
6.2
6.5
6.8
V
Irestart(VDD)
restart current on pin VDD
VVDD = 9 V
0.85
1.10
1.35
mA
Vclamp(VDD)
clamp voltage on pin VDD
IC off; IVDD = 0.33 mA
13.0
13.4
13.8
V
Iclamp(VDD)
clamp current on pin VDD
IC off; VVDD = 14.0 V
25
45
-
mA
IVDD
current on pin VDD
VFBPFC =1.2 V;
VCOMPPFC =1V
1.2
1.7
2.2
mA
PFC normal operation
ton(PFC)
PFC on-time
VCOMPPFC = 350 mV
0.70
1.05
1.40
μs
ton(PFC)high
high PFC on-time
VCOMPPFC = Vhigh(COMPPFC)
24
28
32
μs
toff(PFC)low
low PFC off-time
1.7
2.0
2.3
μs
tleb(FBPFC)
leading edge blanking time on pin
FBPFC
from the start of rising edge on
pin GPFC
260
330
400
ns
Vreg(FBPFC)
regulation voltage on pin FBPFC
VCOMPPFC = 1.6 V
1.23
1.27
1.31
V
VCOMPPFC = 200 mV
1.23
1.28
1.33
V
Ibias(FBPFC)
bias current on pin FBPFC
VFBPFC = 1.27 V
4.5
5.0
5.5
μA
gm(PFC)
PFC transconductance
VCOMPPFC =1.5 V;
1.2 V < VFBPFC <1.34V
25
30
35
μA/V
Vth(VPFCok)FBPFC PFC voltage OK threshold voltage on
pin FBPFC
0.95
1.00
1.05
V
Vdet(demag)
demagnetization detection voltage
on pin AUXPFC
50
100
150
mV
Vclamp(COMPPFC)
clamp voltage on pin COMPPFC
VFBPFC = 1 V
2.85
3.00
3.15
V
PFC protection
ton(PFC)nodemag
no demagnetization detected PFC
on-time
1.0
1.3
1.6
μs
Vth(osp)(FBPFC)
open/short protection threshold voltage
on pin FBPFC
0.20
0.25
0.30
V
Vth(ov)(FBPFC)
overvoltage threshold voltage on pin
FBPFC
1.34
1.39
1.43
V
Ibias(AUXPFC)
bias current on pin AUXPFC
VAUXPFC =0.1 V
−6
−5
−4
μA
PFC driver
Isource(GPFC)
source current on pin GPFC
VGPFC =4 V; VVDD =12V
−105 −90
−75
mA
Rsink(GPFC)
sink resistance on pin GPFC
VGPFC =2 V; VVDD = 12 V
13.5
16.0
18.5
Ω
HB preheat
Rext(PH/EN)
external resistor on pin PH/EN
38.6
-
-
k
Ω
tto(ph)
preheat time-out time
CCPT = 100 nF
0.80
0.94
1.08
s
VO(ph)(PH/EN)
preheat output voltage on pin PH/EN
Preheat or Ignition state
1.78
1.84
1.90
V
Vctrl(ph)SLHB
overcurrent protection threshold voltage
on pin SLHB
preheat
0.44
0.48
0.52
V
Ich(CIFB)
charge current on pin CIFB
no fault detected;
Preheat and Ignition states
only; VCIFB =1.5 V
−10.3 −9.0
−7.7
μA
Table 6.
Characteristics …continued
Tamb = 25 °C; settings according to default setting[1]; all voltages referenced to GND; current flow into the IC is positive;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com