Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016AP Datasheet(PDF) 31 Page - NXP Semiconductors

Part # UBA2016AP
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016AP Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button UBA2016AP Datasheet HTML 27Page - NXP Semiconductors UBA2016AP Datasheet HTML 28Page - NXP Semiconductors UBA2016AP Datasheet HTML 29Page - NXP Semiconductors UBA2016AP Datasheet HTML 30Page - NXP Semiconductors UBA2016AP Datasheet HTML 31Page - NXP Semiconductors UBA2016AP Datasheet HTML 32Page - NXP Semiconductors UBA2016AP Datasheet HTML 33Page - NXP Semiconductors UBA2016AP Datasheet HTML 34Page - NXP Semiconductors UBA2016AP Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
31 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
11. Application information
11.1 Connecting the IC in an application
A 33 k
Ω resistor must be connected between pin IREF and GND. The tolerance of this
resistor adds to any current related tolerances of the IC, including fsw(low). No other
components can be connected to pin IREF.
Tolerance and temperature dependency of the capacitor connected between pin CF and
GND will add to the tolerance on fsw(low).
Small decoupling capacitors (about 100 pF) are recommended on pins FBPFC and IFB
close to the IC.
Normal sized decoupling capacitors (about 10 nF) are recommended on pins DIM and
EOL.
The capacitors at pins CF, COMPPFC, CPT, FSHB and VDD should also be placed close
to the IC.
A capacitor between pin CIFB and GND of at least 470 pF is needed for stability of the low
switching frequency.
A capacitor between pin VDD and GND of at least 10 nF is needed for stability of the
internal VDD voltage clamp. However, for reliable operation of the IC a low ESR type of at
least 470 nF is recommended.
A capacitor between pin FSHB and SHHB is needed to supply the high-side driver. The
recommended value for this capacitor is 1
⁄
5 of the value of the capacitor at VDD.
A series resistor of at least 1 k
Ω is recommended on pins AUXPFC and SLHB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com