Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSG43305J-R1W4 Datasheet(PDF) 2 Page - OptoSupply International

Part # OSG43305J-R1W4
Description  PRODUCT SPECIFICATION FOR G4 LED LIGHTING Module Long life, easy installation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG43305J-R1W4 Datasheet(HTML) 2 Page - OptoSupply International

  OSG43305J-R1W4 Datasheet HTML 1Page - OptoSupply International OSG43305J-R1W4 Datasheet HTML 2Page - OptoSupply International OSG43305J-R1W4 Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optosupply Limited
http://www.optosupply.com
2
Device Selection Guide
1
LED
Color
Nos. of
LED/Module
Dom. Wavelength
/Color temperature
(Typ.)
Luminous Flux
/Module(Typ.
)
OSR5MDZ4E1P
Red
1Pc
624±3nm
X=0.31, y=0.33
OSW44EZ4E1P
White
4 Pcs
6500K
120 lm
Absolute Maximum Ratings(Ta=25
)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
18
V
Input Current (DC)
Ii
120
mA
Power Dissipation
Pa
2.16
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-30 ~ +85
DegC
Storage Temperature
Tsto
-40 ~ +100
DegC
Typical Performance (Ta=25
)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
---
1.4
2.16
w
Input Voltage(DC)
Vi
15
15.5
18
V
Product Input Current
If
90
120
mA
Beam Pattern
BP
---
60
---
Deg
Color Rendering Index
Ra
-
90
-
LED Quantity
QTY
---
5
-
Pcs
PCB Diameter
DPCB.
---
33
---
mm
Net Weight
Wei.
---
5
---
g
Model No. OSG43305J-R1W4
REV.
C2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com