Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSG43305J-R1W4 Datasheet(PDF) 1 Page - OptoSupply International

Part # OSG43305J-R1W4
Description  PRODUCT SPECIFICATION FOR G4 LED LIGHTING Module Long life, easy installation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSG43305J-R1W4 Datasheet(HTML) 1 Page - OptoSupply International

  OSG43305J-R1W4 Datasheet HTML 1Page - OptoSupply International OSG43305J-R1W4 Datasheet HTML 2Page - OptoSupply International OSG43305J-R1W4 Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optosupply Limited
http://www.optosupply.com
1
PRODUCT SPECIFICATION FOR
G4 LED LIGHTING Module
Descriptions:
1
• Low power consumption, high Intensity
• Long life, easy installation
• Voltages available DC15.5V
• LED: OSW44EZ4E1P (white), OSR5MDZ4E1P (red)
Features:
1
• Available in red, white
• Directly use on DC
• Low power consumption, high intensity, long life
• Excellent beam control, energy saving
Application:
1
• Channel letter signs
• Indirect accent décor light
• Large area back lighting
• Under counter light
• Decorate building’s contour
• Substitute neon light
• Down light
Product Picture:
1
Model No. OSG43305J-R1W4
REV.
C2


Similar Part No. - OSG43305J-R1W4

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG48A3131A OPTOSUPPLY-OSG48A3131A Datasheet
109Kb / 1P
3mm Round Emerald Green LED
OSG48A5111A OPTOSUPPLY-OSG48A5111A Datasheet
111Kb / 1P
5mm Round Emerald Green LED
OSG48A5111P OPTOSUPPLY-OSG48A5111P Datasheet
110Kb / 1P
Deluxe Power 5mm Round Emerald Green LED
OSG48A56A1A OPTOSUPPLY-OSG48A56A1A Datasheet
114Kb / 1P
4.8mm Straw Emerald Green LED
OSG48AS1C1A OPTOSUPPLY-OSG48AS1C1A Datasheet
110Kb / 1P
3.5x2.8x1.9mm Emerald Green SMD LED
More results

Similar Description - OSG43305J-R1W4

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-V6YLS1C1A OPTOSUPPLY-OSPRO2X2-V6YLS1C1A Datasheet
60Kb / 3P
PRODUCT SPECIFICATION FOR 12V UV Module Long life, easy installation
OSMW02C04GX-XXX3ZXXXP-A OPTOSUPPLY-OSMW02C04GX-XXX3ZXXXP-A Datasheet
79Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Strip Long life, Easy Installation
OSMW12C60GP-XXXXZ2C1D-X OPTOSUPPLY-OSMW12C60GP-XXXXZ2C1D-X Datasheet
193Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module Long life, easy installation
OSBDXX OPTOSUPPLY-OSBDXX Datasheet
61Kb / 3P
Long life, easy Installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
Long life, easy installation
OSCTXX OPTOSUPPLY-OSCTXX Datasheet
106Kb / 5P
Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
Long life, easy installation
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
Long life, easy installation
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
Long life, easy installation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com