Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6 Datasheet(PDF) 3 Page - GREATECS

Part # MB6
Description  SMT Double Action Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB6 Datasheet(HTML) 3 Page - GREATECS

  MB6 Datasheet HTML 1Page - GREATECS MB6 Datasheet HTML 2Page - GREATECS MB6 Datasheet HTML 3Page - GREATECS MB6 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Multi-Direction Switches
SMT Double Action Switch
MB6 Series
sales@greatecs.com
www.greatecs.com
3
H01
6
Operating
Force
Stroke
Refer to part on drawing
-
7
Stop
Strength
Placing the switch such that the
direction of switch operation is
vertical, a static load of 3 kgf
(29.4N)shall be applied in the
direction of stem operation for a
period of 15 seconds
1 Contact Resistance:
10
Max
2 Insulation Resistance:
10M
Min
3 Bounce:
20 m seconds max
4
Voltage: AC 250V 1minute
Min
8
Solder Heat
Resistance
SMT Type~MB6 Series
1 Shall be free from
pronounced backlash and
falling-off or breakage
terminals
2 Contact Resistance:
10
Max
3 Insulation Resistance:
10M
Min
4 Bounce:
20 m seconds max
5 Voltage: AC 250V
1minute Min
9
Vibration
Shall be vibrated in accordance
with Method 201A of
MIL-STD-202F
Range of oscillation:10 to 55 Hz
1)Swing distance =1.5mm
2)Frequency: 10-55-10Hz in
1-min/cycle.
3)Direction of oscillation: Three
mutually perpendicular directions,
including the directions of stem
travel.
4)Test time: 2 hours each direction
1 Contact Resistance:
10
Max
2 Insulation Resistance:
10M
Min
3 Bounce:
20 m seconds max
4
Voltage: AC 250V 1minute
Min
10
Shock
Shall be shocked in accordance with
Method 213B condition A of
MIL-STD-202F
1)Acceleration; 50G
2)Action time:11±1m seconds
3)Testing Direction: 6 sides
4)Test Cycle: 3 times in each direction
Ditto



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com