Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6 Datasheet(PDF) 2 Page - GREATECS

Part # MB6
Description  SMT Double Action Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB6 Datasheet(HTML) 2 Page - GREATECS

  MB6 Datasheet HTML 1Page - GREATECS MB6 Datasheet HTML 2Page - GREATECS MB6 Datasheet HTML 3Page - GREATECS MB6 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Multi-Direction Switches
SMT Double Action Switch
MB6 Series
SPECIFICATIONS
sales@greatecs.com
www.greatecs.com
2
H01
1. Style
This specification describes ”DOUBLE ACTION SWITCH”, mainly used as signal
electrical characteristic.
1.1 Operating Temperature Range : -20
~+70
1.2 Storage Temperature Range : -30
~+85
2. Current Range: 50mA, 12V DC
3. Type of Actuation: Double Action Tactile Feedback
4. Test Sequence:
ITEM
DESCRIPTION
TEST CONDITIONS
REQUIREMENTS
1
Visual
Examination
By visual examination check without
any out pressure & testing
There shall be no
defects that affect the
serviceability of the
product.
2
Contact
Resistance
Applying a static load twice the
actuating fore to actuator.
Measurements shall be made with a
1 kHz small current contact
resistance meter.(20mV 50mA max)
100m
Max
3
Insulation
Resistance
Measurements shall be made
following application of 100 V DC
potential across terminals and
across terminals and frame.
100M
Min
4
Dielectric
Withstanding
Voltage
250 V AC(50Hz or 60Hz) shall be
applied across terminals and across
terminals and frame for 1 minute.
There shall be no
breakdown or flashover
5
Bounce
Lightly striking the actuator at a rate
encountered 3 to 4 operations per
sec, bounce shall be tested at “ON”
and “OFF”
20 m seconds Max.
5V DC 5K
switch of electric devices, with the general requirements of mechanical and



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com