Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP64 Datasheet(PDF) 3 Page - GREATECS

Part # MP64
Description  Micro Switches with Waterproof Option
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MP64 Datasheet(HTML) 3 Page - GREATECS

  MP64 Datasheet HTML 1Page - GREATECS MP64 Datasheet HTML 2Page - GREATECS MP64 Datasheet HTML 3Page - GREATECS MP64 Datasheet HTML 4Page - GREATECS MP64 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Micro Switches
Micro Switches with Waterproof Optionches
MP64 Series
sales@greatecs.com
www.greatecs.com
3
1A
6A
3A
3B
2A
4A or 4B
5A or 5B
7
3.2mmx0.5mm
Straight lead wire with IP67
waterproof protection
Waterproof IP67



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com