Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP64 Datasheet(PDF) 1 Page - GREATECS

Part # MP64
Description  Micro Switches with Waterproof Option
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MP64 Datasheet(HTML) 1 Page - GREATECS

  MP64 Datasheet HTML 1Page - GREATECS MP64 Datasheet HTML 2Page - GREATECS MP64 Datasheet HTML 3Page - GREATECS MP64 Datasheet HTML 4Page - GREATECS MP64 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Micro Switches
Micro Switches with Waterproof Option
MP64 Series
sales@greatecs.com
www.greatecs.com
1
MP64
How to order:
1
2
3
1
2
3
4
5
6
7
TERMINAL TYPE:
#110 Quick Connect
PCB Self-Standing
PCB Straight
PCB Right Angle
PCB Left Angle
Solder Lug
Waterproof IP67 Lead Wire
2
TERMINAL DIMENSIONS:
3
4
B
RATING CURRENT:
5A 125VAC/250VAC
1
CIRCUIT:
4
5
ACTUATOR TYPE:
5
A
B
Standard (see Page 3)
0.6x0.5mm
(Only for terminal type 3, 4 & 5)
D
O
C
SPDT
SPST, NO
SPST, NC
00
1
2
3
Without Lever
Straight Lever
Simulated Roller Lever
Roller Lever
ACTUATOR LENGTH:
6
N
A
B
No Lever
14.5 mm for Straight Lever
15.8 mm for Simulated Roller Lever
14.5 mm for Roller Lever
16.5mm only for Straight Lever
6
MP64B_ _D1A
MP64B_7_D00N
WaterproofIP67


Similar Part No. - MP64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP64 ETC1-MP64 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-01 MPS-MP6400DG-01 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-09 MPS-MP6400DG-09 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-12 MPS-MP6400DG-12 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
More results

Similar Description - MP64

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDS001 ITT-MDS001 Datasheet
263Kb / 3P
Micro Snap-acting Detect Switches
logo
GREATECS
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
Miniature SPST Micro Switches
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
Miniature SPDT Micro Switches
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
Micro Switches 16A 125/250VAC
logo
C&K Components
MDS CK-COMPONENTS-MDS Datasheet
336Kb / 6P
Micro Snap-acting Detect Switches
logo
List of Unclassifed Man...
MAH6A ETC2-MAH6A Datasheet
286Kb / 5P
MA SERIES - MICRO-LIMIT SWITCHES
logo
NTE Electronics
54-200W NTE-54-200W Datasheet
3Mb / 4P
Waterproof Rocker Switches
54-348W NTE-54-348W Datasheet
551Kb / 1P
Waterproof Toggle Switches
logo
Moxa Inc.
EDS-G512E MOXA-EDS-G512E Datasheet
933Kb / 7P
12G-port (with 8 PoE ports option) full Gigabit managed Ethernet switches
logo
List of Unclassifed Man...
MSW-21 ETC-MSW-21 Datasheet
100Kb / 1P
Micro Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com