Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6796LCC4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6796LCC4
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6796LCC4 Datasheet(HTML) 2 Page - Seme LAB

  2N6796LCC4 Datasheet HTML 1Page - Seme LAB 2N6796LCC4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10/99
2N6796LCC4
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS Drain–Source Breakdown Voltage
IDSS
Zero Gate Voltage Drain Current
IGSSF
Gate–Body Leakage, Forward
IGSSR
Gate–Body Leakage, Reverse
VGS(th)
Gate Threshold Voltage
RDS(on)
Static Drain–Source On–Resistance
VDS(on)
Drain–Source On–Voltage
gfs
Forward Transconductance
Ciss
Input Capacitance
Coss
Output capacitance
Crss
Reverse Transfer Capacitance
VGS = 0
ID = 0.25mA
VDS = Rated VDS VGS = 0
VDS = 80V
VGS = 0A
TJ = 125°C
VDS = 0
VGS = 20V
VDS = 0
VGS = -20V
VDS = VGS
ID = 0.5mA
VGS = 10V
ID = 4.7A
TA = 125°C
VGS = 15V
ID = 7.4A
VGS = 15V
ID = 4.7A
VDS = 25V
VGS = 0
f = 1.0MHz
100
250
1000
100
-100
24
0.18
0.35
1.56
39
350
900
150
500
50
150
V
µA
nA
V
Ω
V
mhos
pF
OFF CHARACTERISTICS
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com