Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6796LCC4 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6796LCC4
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6796LCC4 Datasheet(HTML) 1 Page - Seme LAB

  2N6796LCC4 Datasheet HTML 1Page - Seme LAB 2N6796LCC4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
10/99
2N6796LCC4
VDSS
= 100V
ID
= 7.4A
RDS(ON) = 0.18Ω
Ω
FEATURES
• Hermetically sealed ceramic surface
mount package
• Small footprint
• Simple drive requirements
VDS
Drain–Source Voltage
VDGR
Drain–Gate Voltage
(VGS = 1.0mΩ)
VGS
Gate–Source Voltage
ID
Drain Current Continuous
IDM
Drain Current Pulsed
PD
Total Device Dissipation @ TC = 25°C
Derate above 25°C
TJ , TSTG Operating and Storage Junction Temperature Range
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance Junction to Case
RθJC
Thermal Resistance Junction to Ambient
TL
Maximum Lead Temperature 1.5mm from Case for 10 secs.
100V
100V
±20V
7.4A
30A
22W
0.17°C/W
–55 to +150°C
5.0°CW
175°CW
300°C
MECHANICAL DATA
Dimensions in mm (inches)
LCC4 CERAMIC SURFACE MOUNT PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Underside View
Pads 6, 7, 8, 9, 10, 11, 12, 13.
Source
Pads 4,5
Gate
Pads 1,2,15,16,17,18
Drain
Pads 3,14
Not Connected
1.39 (0.055)
1.15 (0.045)
0.76 (0.030)
0.51 (0.020)
1.39 (0.055)
1.02 (0.040)
15 16
13
12
14
3
4
5
6
7
17
18
1
2
11
10
8
9
9.14 (0.360)
8.64 (0.340)
1.27 (0.050)
1.07 (0.040)
≈ 2.16 (0.085)
7.62 (0.300)
7.12 (0.280)
1.65 (0.065)
1.40 (0.055)
0.33 (0.013)
0.08 (0.003)
0.43 (0.017)
0.18 (0.007
Rad.
Rad.
N-CHANNEL
POWER MOSFET


Similar Part No. - 2N6796LCC4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6796 SEME-LAB-2N6796 Datasheet
18Kb / 2P
TMOS FET TRANSISTOR N - CHANNEL
logo
Intersil Corporation
2N6796 INTERSIL-2N6796 Datasheet
140Kb / 7P
8A, 100V, 0.180 Ohm, N-Channel Power MOSFET
November 1998
logo
List of Unclassifed Man...
2N6796 ETC2-2N6796 Datasheet
47Kb / 5P
100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
Microsemi Corporation
2N6796 MICROSEMI-2N6796 Datasheet
102Kb / 2P
N-CHANNEL MOSFET
2N6796 MICROSEMI-2N6796 Datasheet
182Kb / 4P
N-CHANNEL MOSFET
More results

Similar Description - 2N6796LCC4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com