Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N7002CSM
Description  N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N7002CSM Datasheet(HTML) 2 Page - Seme LAB

  2N7002CSM Datasheet HTML 1Page - Seme LAB 2N7002CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Min.
Typ.
Max.
Unit
RθJA
Thermal Resistance, Junction to Ambient
625
°C/W
V(BR)DSS Gate – Source Breakdown Voltage
VGS(th)
Gate Threshold Voltage
IGSS
Gate – Body Leakage Current
IDSS
Zero Gate Voltage Drain Current
ID(on)*
On–State Drain Current
RDS(on)* Drain – Source On Resistance
VDS(on)* Drain – Source On Voltage
gFS*
Forward Transconductance
gOS*
Common Source Output Conductance
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
tON
Turn–On Time
tOFF
Turn–Off Time
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
Prelim. 7/98
2N7002CSM
ELECTRICAL CHARACTERISTICS (T
CASE = 25°C unless otherwise stated)
VGS = 0V
ID = 10µA
VDS = VGS
ID = 0.25mA
VGS = ±20VVDS = 0V
VDS = 60V
VGS = 0V
TCASE = 125°C
VDS≥2VDS(ON) VGS = 10V
VGS = 5V
ID = 50mA
TCASE = 125°C
VGS = 10V
ID = 0.5A
TCASE = 125°C
VGS = 5V
ID = 50mA
VGS = 10V
ID = 0.5A
TCASE = 125°C
VDS = 10V
ID = 0.2A
VDS = 5V
ID = 50mA
VDS = 25V
VGS = 0V
f = 1MHz
VDD = 30V
VGEN = 10V
RL = 150Ω
RG = 25Ω
ID = 0.2A
60
70
1
2.15
2.5
±100
1
500
500
1000
57.5
9
13.5
2.5
7.5
4.4
13.5
0.25
0.375
1.25
3.75
2.2
6.75
80
170
500
16
50
11
25
25
720
720
V
nA
µA
mA
Ω
V
ms
µs
pF
ns
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
SWITCHING CHARACTERISTICS
* Pulse Test: PW = 80
µs , δ≤ 1%
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com