Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N7002CSM
Description  N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N7002CSM Datasheet(HTML) 1 Page - Seme LAB

  2N7002CSM Datasheet HTML 1Page - Seme LAB 2N7002CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
Prelim. 7/98
2N7002CSM
* Pulse width limited by maximum junction temperature.
N–CHANNEL
ENHANCEMENT MODE
MOS TRANSISTOR
FEATURES
• V(BR)DSS = 60V
• RDS(ON) = 7.5Ω
Ω
• ID = 0.115A
VDS
Drain – Source Voltage
VGS
Gate – Source Voltage
ID
Drain Current
@ TCASE = 25°C
ID
Drain Current
@ TCASE = 100°C
IDM
Pulsed Drain Current *
PD
Power Dissipation
@ TCASE = 25°C
PD
Power Dissipation
@ TCASE = 100°C
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature Range
60V
±40V
±0.115A
±0.073A
0.8A
200mW
80mW
–55 to 150°C
–55 to 150°C
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS (TCASE = 25°C unless otherwise stated)
SOT23 CERAMIC
(LCC1 PACKAGE)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
PAD 1 – Gate
Underside View
PAD 2 – Source
PAD 3 – Drain


Similar Part No. - 2N7002CSM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002CK NXP-2N7002CK Datasheet
83Kb / 13P
60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-11 September 2009
2N7002CK PHILIPS-2N7002CK_15 Datasheet
83Kb / 13P
60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-11 September 2009
More results

Similar Description - 2N7002CSM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH103 PHILIPS-BSH103 Datasheet
96Kb / 12P
N-channel enhancement mode MOS transistor
1998 Feb 11
BSH104 PHILIPS-BSH104 Datasheet
51Kb / 8P
N-channel enhancement mode MOS transistor
1997 Nov 26
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH107 PHILIPS-BSH107 Datasheet
152Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
PHN110 PHILIPS-PHN110 Datasheet
79Kb / 12P
N-channel enhancement mode MOS transistor
1997 Jun 17
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
logo
Seme LAB
2N6660X SEME-LAB-2N6660X Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Nexperia B.V. All right...
BSH103 NEXPERIA-BSH103 Datasheet
197Kb / 13P
N-channel enhancement mode MOS transistor
1998 Feb 11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com