Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK21 Datasheet(PDF) 1 Page - GREATECS

Part # TK21
Description  Sealed Miniature SPDT Toggle Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK21 Datasheet(HTML) 1 Page - GREATECS

  TK21 Datasheet HTML 1Page - GREATECS TK21 Datasheet HTML 2Page - GREATECS TK21 Datasheet HTML 3Page - GREATECS TK21 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Toggle Switches
Sealed Miniature SPDT Toggle Switches
TK21 Series
TK21S1A1B4T2_E_
THT Straight
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
» Degree of Protection: IP67
CONTACT RATING
» AG, GT, UG & UGT: 5A120VAC/28VDC
2A250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 10m
max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
min.
TK21
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
TK21S1A2B4T7_E_
THT Vertical Right Angle
6
5
7
TK21S1A2B4T6_E_
THT Right Angle
OPTION
CODE
DIM.
‘A‘
VS2
11.68
VS3
16.00
3.18
15.75
Ø1.83
4.70
P.C. MOUNTING
TK21S1A2B4VS2_E_
THT with V-Bracket
5.56
6.60
12.70
4.70
0.76
5.30
10.40
6.10
12.70
Ø2.92
EPOXY
SEAL
1.22
0.76
A
7.62
3.48
1.27
A
EPOXY
SEAL
12.70
0.40
5.90
12.70
5.08
4.70
6.60
1
2
3
6.60
1.27
12.70
A
7.62
3.18
3.81
A
EPOXY
SEAL
12.70
0.40
5.90
0.76
1 2 3
8.13
1.52
Dim. `A`
3.18
1.22
4.70
S1
S2
S3
S4
S5
A1
A2
AA
AB
AC
B1
B4
T1
T2
T51
T52
POLES & SWITCH FUNCTION:
SP ON-NONE-ON
SP ON-NONE-MOM
SP ON-OFF-ON
SP MOM-OFF-MOM
SP ON-OFF-MOM
ACTUATOR (Details see page A08):
Height=12.70 mm
Height=7.62 mm
Height=12.70 mm, plastic,
anti-static, black
Height=7.62 mm, plastic,
anti-static, black
Height=12.70 mm, plastic,
anti-static, silver
BUSHING (Details see page A08):
Height = 8.80 mm
Height = 6.10 mm
TERMINALS (Details see page A08):
Solder Lug
PC Thru Hole
Wire Wrap, Height = 18.70 mm
Wire Wrap, Height = 24.20 mm
T53
T54
T6
T6N
T7
VS2
V2N
VS3
AG
AU
UT
GT
UG
UGT
E
blank
V
Wire Wrap, Height = 10.55 mm
Wire Wrap, Height = 26.97 mm
PC Thru Hole, Right Angle
PC Thru Hole, Right Angle,
Snap-in
PC Thru Hole, Vertical Right Angle
V-Bracket, Height = 11.68 mm
Snap-in V-Bracket,
Height = 11.68 mm
V-Bracket, Height = 16.00 mm
CONTACT MATERIAL:
Silver
Gold
Gold, Tin-lead
Silver, Tin-lead
Gold over Silver
Gold over Silver, Tin-lead
EPOXY:
Epoxy (Standard)
ROHS & LEADFREE:
RoHS compliant (Standard)
RoHS compliant & Leadfree
1
2
3
4
6
5
7
1.27
3
2
1
12.70
4.70
5.08
Ø1.85
P.C. MOUNTING
2.84
5.08
1.22
3
2
1
3.81
5.08
12.70
Ø1.85
P.C. MOUNTING
7.62
5.59
0.51
15.75
4.70
0.76
EPOXY
SEAL
1
2
3
No.
Poles
Model
No.
Switch Function
Connected Terminals / Shematic
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
SP
TK21S1
ON
NONE
ON
2-3
N/A
2-1
SP
TK21S2
ON
NONE
MOM
SP
TK21S3
ON
OFF
ON
OPEN
SP
TK21S4
MOM
OFF
MOM
SP
TK21S5
ON
OFF
MOM
A05
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request


Similar Part No. - TK21

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK210V65Z TOSHIBA-TK210V65Z Datasheet
462Kb / 10P
MOSFETs Silicon N-Channel MOS
2020-10-16 Rev.2.0
logo
Tripath Technology Inc.
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
More results

Similar Description - TK21

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
Sealed Sub-Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
Sealed Miniature Toggle Switches
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
Miniature SPDT Toggle Switches
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
Sub-Miniature SPDT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
Sealed Miniature Toggle Switches
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
Sealed Sub-Miniature Toggle Switches
logo
C&K Components
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
Sealed Miniature Toggle Switches
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com