Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK21 Datasheet(PDF) 2 Page - GREATECS

Part # TK21
Description  Sealed Miniature SPDT Toggle Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK21 Datasheet(HTML) 2 Page - GREATECS

  TK21 Datasheet HTML 1Page - GREATECS TK21 Datasheet HTML 2Page - GREATECS TK21 Datasheet HTML 3Page - GREATECS TK21 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Toggle Switches
Sealed Miniature DPDT Toggle Switches
TK22 Series
TK22D1A1B4T2_E_
THT Straight
TK22
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
TK22D1A2B4T7_E_
THT Vertical Right Angle
6
5
7
TK22D1A2B4T6_E_
THT Right Angle
CODE
DIM. A‘
VS2
11.68
VS3
16.00
TK22D1A2B4VS2_E_
THT with V-Bracket
5.56
11.43
12.70
4.70
0.76
5.30
10.40
6.10
12.70
Ø2.92
EPOXY
SEAL
1.22
0.76
1.27
4.83
A
7.62
3.18
3.81
A
EPOXY
SEAL
12.70
0.40
5.90
0.76
4 5 6
4.83
1.27
3
2
1
6
5
4
A
7.62
3.18
1.27
A
EPOXY
SEAL
12.70
3.81
5.90
1 4
12.70
5.08
4.70
11.43
1
2
3
3.28
4
5
6
12.70
4.70
5.08
Ø1.85
P.C. MOUNTING
3.81
11.43
5.08
2.70
12.70
1.22
3
2
1
6
5
4
3.81
5.08
12.70
Ø1.85
4.83
P.C. MOUNTING
11.43
1.52
Dim. `A`
3.18
1.22
4.70
8.13
7.62
5.59
0.51
15.75
4.70
0.76
EPOXY
SEAL
4
5
6
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
» Degree of Protection: IP67
CONTACT RATING
» AG, GT, UG & UGT: 5A120VAC/28VDC
2A250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 10m
max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
min.
D1
D2
D3
D4
D5
D6
D7
D8
A1
A2
AA
AB
AC
B1
B4
T1
T2
POLES & SWITCH FUNCTION:
DP ON-NONE-ON
DP ON-NONE-MOM
DP ON-OFF-ON
DP MOM-OFF-MOM
DP ON-OFF-MOM
DP ON-ON-ON
DP MOM-ON-MOM
DP ON-ON-MOM
ACTUATOR (Details see page A08):
Height=12.70 mm
Height=7.62 mm
Height=12.70 mm, plastic,
anti-static, black
Height=7.62 mm, plastic,
anti-static, black
Height=12.70 mm, plastic,
anti-static, silver
BUSHING (Details see page A08):
Height = 8.80 mm
Height = 6.10 mm
TERMINALS (Details see page A08):
Solder Lug
PC Thru Hole
T51
T52
T53
T54
T6
T6N
T7
VS2
V2N
VS3
AG
AU
UT
GT
UG
UGT
E
blank
V
Wire Wrap, Height = 18.70 mm
Wire Wrap, Height = 24.20 mm
Wire Wrap, Height = 10.55 mm
Wire Wrap, Height = 26.97 mm
PC Thru Hole, Right Angle
PC Thru Hole, Right Angle,
Snap-in
PC Thru Hole, Vertical Right Angle
V-Bracket, Height = 11.68 mm
Snap-in V-Bracket,
Height = 11.68 mm
V-Bracket, Height = 16.00 mm
CONTACT MATERIAL:
Silver
Gold
Gold, Tin-lead
Silver, Tin-lead
Gold over Silver
Gold over Silver, Tin-lead
EPOXY:
Epoxy (Standard)
ROHS & LEADFREE:
RoHS compliant (Standard)
RoHS compliant & Leadfree
1
2
3
4
6
5
7
No.
Poles
Model
No.
Switch Function
Connected Terminals / Shematic
Positi-
on 1
Positi-
on 2
Positi-
on 3
Position 1
Position 2
Position 3
DP
TK22D1
ON
NONE
ON
2-3, 5-6
N/A
2-1, 5-4
DP
TK22D2
ON
NONE
MOM
DP
TK22D3
ON
OFF
ON
OPEN
DP
TK22D4
MOM
OFF
MOM
DP
TK22D5
ON
OFF
MOM
No.
Poles
Model
No.
Switch Function
Connected Terminals / Shematic
Posi-
tion 1
Posi-
tion 2
Posi-
tion 3
Position 1
Position 2
Position 3
DP
TK22D6
ON
ON
ON
2-3, 5-6
2-3, 5-4
2-1, 5-4
DP
TK22D7
MOM
ON
MOM
DP
TK22D8
ON
ON
MOM
A06
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com