Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP34 Datasheet(PDF) 1 Page - GREATECS

Part # TP34
Description  0.35 x 3.7 x 3.7 mm Ultra-Low Thin Tactile Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP34 Datasheet(HTML) 1 Page - GREATECS

  TP34 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Br < 900 ppm
Cl < 900 ppm
Br+Cl < 1500 ppm
Note:
> General Tolerance: +/-0.1mm
> Unit in mm and inch (bracketed)
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec


Similar Part No. - TP34

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3401 NSC-TP3401 Datasheet
249Kb / 16P
DASL Digital Adapter for Subscriber Loops
logo
Texas Instruments
TP3401 TI1-TP3401 Datasheet
233Kb / 17P
DASL Digital Adapter for Subscriber Loops
TP3401 TI1-TP3401_12 Datasheet
233Kb / 17P
DASL Digital Adapter for Subscriber Loops
logo
National Semiconductor ...
TP3402 NSC-TP3402 Datasheet
249Kb / 16P
DASL Digital Adapter for Subscriber Loops
logo
Texas Instruments
TP3402 TI1-TP3402 Datasheet
233Kb / 17P
DASL Digital Adapter for Subscriber Loops
More results

Similar Description - TP34

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
SX2060 MTRONPTI-SX2060 Datasheet
237Kb / 1P
4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
SX2060 MTRONPTI-SX2060_07 Datasheet
252Kb / 2P
4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
logo
Abracon Corporation
AWSZT-CV ABRACON-AWSZT-CV Datasheet
1Mb / 2P
3.7 x 3.1 mm SMD CERAMIC RESONATOR
09.18.08
AWSZT-11.00CV-T ABRACON-AWSZT-11.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-16.00CV-T ABRACON-AWSZT-16.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-16.93CV-T ABRACON-AWSZT-16.93CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-32.00CV-T ABRACON-AWSZT-32.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-50.00CV-T ABRACON-AWSZT-50.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
logo
Transko Electronics, In...
3ZTTCV_ZTACV TRANSKO-3ZTTCV_ZTACV Datasheet
407Kb / 1P
CERAMIC RESONATORS (3.7 X 3.1 X 1.2mm)
Rev.1: Jul. 2014
TMPIT03020F TRANSKO-TMPIT03020F Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com