Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP36B13STR Datasheet(PDF) 1 Page - GREATECS

Part # TP36B13STR
Description  Long Travel SMT Tactile Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP36B13STR Datasheet(HTML) 1 Page - GREATECS

  TP36B13STR Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
Long Travel SMT Tactile Switches
TP36 Series
sales@greatecs.com
www.greatecs.com
1
TP36
How to order:
1
2
3
13
TRAVEL:
1.3 mm
2
C
S
OPERATING FORCE:
200 gf
350 gf
3
4
ITEM
DESC
Q’TY
MATERIALS
TREATMENT
REMARK
1Stem
1
HIGH-TEMP
THERMOPLASTIC
NYLON UL 94V-0
Color : Red
-
2
Silicone Dome
1
Silicone rubber with
metal contact
With Gold Plating
-
3
Base
1
HIGH-TEMP
THERMOPLASTIC
NYLON UL 94V-0
Color : Black
-
4
Cover
1
HIGH-TEMP
THERMOPLASTIC
NYLON UL 94V-0
Color : Black
-
5
Terminal
1
BRASS
With Silver Plating
-
B
TERMINAL TYPE:
SMT Bending Terminals
1
TR
PACKAGING:
Tape and Reel
4


Similar Part No. - TP36B13STR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
04-Jun-08
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
logo
Vishay Siliconix
TP3 VISHAY-TP3 Datasheet
600Kb / 23P
Solid Tantalum Surface Mount Chip Capacitors
22-Jun-17
logo
Linear Technology
TP3-470 LINER-TP3-470 Datasheet
96Kb / 12P
500mA Low Voltage Step-Down Synchronous
logo
STMicroelectronics
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
TRISILTM
November 1998 - Ed: 5A
More results

Similar Description - TP36B13STR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KST ITT-KST Datasheet
165Kb / 2P
Long Travel Tact Switch for SMT
logo
List of Unclassifed Man...
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
Tactile Switches (SMT)
logo
GREATECS
TP89 GREATECS-TP89 Datasheet
225Kb / 3P
5x5mm SMT Halogen-Free Tactile Switches
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
SPST SMT Tactile Switches with LED
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
SPST SMT Tactile Switches with LED
logo
C&K Components
KST CK-COMPONENTS-KST Datasheet
180Kb / 2P
Long Travel Tact Switch for SMT
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
logo
Omron Electronics LLC
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
logo
Mitsumi Electronics, Co...
SOV MITSUMI-SOV Datasheet
126Kb / 2P
Long-Life Tactile Switches
logo
C&K Components
KST CK-COMPONENTS-KST_V01 Datasheet
301Kb / 2P
Long Travel Tact Switch for SMT
14 nov 17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com