Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2 Datasheet(PDF) 1 Page - GREATECS

Part # UB2
Description  Bicolor illuminated Pushbutton Switches with Alternating Legends
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

UB2 Datasheet(HTML) 1 Page - GREATECS

  UB2 Datasheet HTML 1Page - GREATECS UB2 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Illuminated Switches
Bicolor illuminated Pushbutton Switches with Alternating Legends
UB2 Series
UB225SKW036CF-4J01 Bicolor LED Straight PC
General Specifications:
ELECTRICAL CAPACITY (Resistive Load)
» Power Level (code W): 5A@125/250VAC or 5A@30VDC
» Logic Level (code G): 0.4VA max.@28V AC/DC max.
(Applicable Range 0.1mA~0.1A@20mV~28V)
OTHER RATINGS:
» Contact Resistance: 50m
Ω max. for silver; 100mΩ max. for gold
» Insulation Resistance: 200M
Ω min.@500VDC
» Mechanical Life: 1,000,000 operations min. for momentary;
200,000 operations for alternate action
» Electrical Life: 10,000 operations min. for silver;
200,000 operations min. for gold
» Norminal Operating Force: SP: 1.90N; DP: 2.55N
» Contact Timing: Break-before-make
» Travel: Pretravel: 1.7mm; Overtravel: 0.6mm; Total: 2.3mm
MATERIALS
» Movable Contacts & Stationary Contacts:
Silver alloy or copper with gold plating
» Switch Terminals: Phosphor bronze with silver or gold plating
» Lamp Terminals: Brass with silver plating
ENVIRONMENTAL DATA
» Operating Temperature: -25°C through +50°C
SOLDERING
» Manual Soldering: 4 seconds max. @ 410°C max.
» Wave Soldering (PC version):
See Profile:
Depending on the material and thickness of the PCB, surface
temperatures may vary. If the process exceeds the wave soldering
limits in this graph, contact us for further information.
UB2
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
UB216KKW016CF-4J02 Bicolor LED Solder Lug
5
1
2
5
6
SK
KK
W
G
01
02
POLES:
SPDT
DPDT
CIRCUITS:
ON-(ON)
ON-ON (Alternate Action with Latchdown)
MOUNTING TYPES:
Square (PCB Mounting)
Square (Snap-in Mounting, Standard
with Solder Lug terminals
)
CONTACTS & RATINGS:
Silver Rated 5A @ 125/250 VAC
Gold Rated 0.4VA max @ 28V AC/DC max
TERMINALS:
Solder Lug (for Snap-in Mounting)
Straight PC
6CF
1JB
2B
3JB
4J
5J
01
02
04
LED:
red/green Super Bright Bicolor LED
CAP TYPES & COLORS:
Sculptured Cap: Clear
Diffuser Color: White
Beveled Cap & Color: White
Flat Cap Lens: Clear
Diffuser Color: White
Sculptured Cap with Alternating
Legend Filter: Clear Lens
Flat Cap with Alternating Legend
Filter: Clear Lens
ALTERNATING LEGENDS:
ON/OFF
START/STOP
OPEN/CLOSE
1
2
3
6
7
POLE &
CIRCUITS
Plunger Position
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes: Switch is marked with NC, NO, COM, L+
& L-. Lamp circuit is isolated and requires an
external power source.
SP
UB215
UB216*
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
UB225
UB226*
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
The electrical specifications shown are determined
at a basic temperature of 25°C. Amber can be
achieved by simultaneous illumination of red &
green, but is not suitable for Alternating Legends.
Bicolor
with 2
elements
6CF
Super Bright Bicolror
Red/Green
Forward Peak Current
I
FM
30/25(25/22 for Amber) mA
Continuous Forward Current
I
F
20/20 mA
Forward Voltage
V
F
2.1/3.5 V
Reverse Peak Voltage
V
RM
4/4 V
Current Reduction Rate Above 25°C
∆I
F
0.40/0.33 mA/°C
Ambient Temperature Range
-25°C ~ +50°C
LED COLORS & SPECIFICATIONS
CUTAWAY
Single Pole
Double Pole
(1.0) Typ
.039
2
1
3
(5.08) Typ
.200
N.C.
N.O.
COM
L C
L 1
(5.08)
.200
L 2
N.O.
COM
N.C.
(1.0)
.039
(2.54)
.100
5
4
6
(4.0)
.157
Latchdown Position
(6.1)
.240
(0.5)
.020
(7.0)
.276
(10.0)
.394
(0.5) Typ
.020
(2.54) Typ
.100
(5.08) Typ
.200
(1.0)
.039
(1.5)
.059
(15.24) Sq
.600
(15.0) Sq
.591
2
1
3
(5.08)
.200
(1.0)
.039
N.C.
N.O.
COM
L C
L 1
(5.08)
.200
L 2
N.O.
COM
N.C.
(1.0)
.039
(2.54)
.100
Single Pole
Double Pole
(19.0) Sq
.748
(15.0) Sq
.591
Latchdown Position
(3.0)
.118
(1.4)
.055
(4.0)
.157
(5.0)
.197
(1.5)
.059
(15.5)
.610
(0.5) Typ
.020
(2.54) Typ
.100
(5.08) Typ
.200
(0.8) x (1.6) Typ
.032 x .063
(1.0)
.039
2
1
3
(5.08)
.200
(2.0)
.079
N.C.
N.O.
COM
L C
L 1
(5.08)
.200
L 2
N.O.
COM
N.C.
(1.0)
.039
(2.54)
.100
(5.08)
.200
5
4
6
2
1
3
(5.08)
.200
(2.0) Typ
.079
N.C.
N.O.
COM
L C
L 1
L 2
N.O.
COM
N.C.
(1.0)
.039
(2.54)
.100
(+)
(-)
1
3
2
COM
NO
NC
(+)
(-)
4
6
1
3
2
5
COM
COM
NC
NC
NO
NO
When in latchdown position for the alternate circuit, cap positions above the housing are: 1.5mm for snap-in models & 7.0mm for PCB models.
6
7
8
4
5
LC (+)
L1 (-)
Red
L2 (-)
Green
0
t2
t3
T1
T2
t1
t = seconds
Pro le A
8


Similar Part No. - UB2

ManufacturerPart #DatasheetDescription
logo
NEC
UB2 NEC-UB2 Datasheet
926Kb / 7P
Miniature Relays
UB2 NEC-UB2 Datasheet
129Kb / 12P
Super-compact size, Slim-package, Surface mounting type
logo
Kemet Corporation
UB2 KEMET-UB2 Datasheet
1Mb / 17P
Electronic switching systems
logo
IMO Precision Controls ...
UB2-1.5SNU IMO-UB2-1.5SNU Datasheet
142Kb / 2P
New Generation DPDT Subminiature Signal Relay UA2/UB2
07/07
logo
Kemet Corporation
UB2-12NU KEMET-UB2-12NU Datasheet
1Mb / 17P
Electronic switching systems
More results

Similar Description - UB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
ILLUMINATED PUSHBUTTON SWITCHES
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
PUSHBUTTON SWITCHES - ILLUMINATED
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
Illuminated Pushbutton Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com