Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2 Datasheet(PDF) 2 Page - GREATECS

Part # UB2
Description  Bicolor illuminated Pushbutton Switches with Alternating Legends
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

UB2 Datasheet(HTML) 2 Page - GREATECS

  UB2 Datasheet HTML 1Page - GREATECS UB2 Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Illuminated Switches
Bicolor illuminated Pushbutton Switches with Alternating Legends
UB2 Series
SK PCB Mounting, Square Shape
KK Snap-in Mounting (Solder Lug),
Square Shape with Built-in Bezel
sales@greatecs.com
www.greatecs.com
MOUNTING TYPES & SHAPES
Panel Thickness: 1.0 ~ 3.2 mm
SP, Bicolor LED
LC+
L2-
L1-
(5.08)
.200
(5.08)
.200
(2.54)
.100
(2.54) Typ
.100
(10.16)
.400
(1.2) Dia Typ
.047
CL
1
2
3
DP, Bicolor LED
(5.08)
.200
(2.54)
.100
(2.54) Typ
.100
(10.16)
.400
(1.2) Dia Typ
.047
CL
1
2
3
LC+
L2-
L1-
4
5
6
(5.08) Typ
.200
(17.4) Sq
.685
Sq
SWITCH & LAMP TERMINALS
01 Solder Lug
03 Straight PC
(0.2)
.008
(5.0)
.197
(2.0)
.079
(1.6)
.063
(0.8)
.032
Thk = (0.5)
.020
For Switch
For Super Bright
Bicolor LED
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
For Switch
For Super Bright
Bicolor LED
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
The 0.8mm x
1.6mm oblong
terminal hole
accommodates 2
solid or stranded
24-gauge wires.
CAP TYPES & COLOR COMBINATIONS
FPO
(15.0) Sq
.591
(6.1)
.240
(5.6)
.220
(15.0) Sq
.591
Clear Lens
Translucent
White Di user
Translucent
White Cap
Clear Lens
Translucent
White Di user
(5.6)
.220
(15.0) Sq
.591
Lens & Di user Material: Polycarbonate
Lens Finish: Glossy
Filter Material: Polycarbonate
Clear Lens
Alternating Legend Filter
Translucent White Di user
(15.0) Sq
.591
(6.1)
.240
(5.6)
.220
(15.0) Sq
.591
Clear Lens
Alternating Legend Filter
Translucent White Di user
1JB AT3074 Scupltured
2B AT3075 Beveled
3JB AT3076 Flat
4J AT3069 Scupltured with Alternating Legend Filter
5J AT3070 Flat with Alternating Legend Filter
STANDARD ALTERNATING LEGENDS FOR SCULPTURED OR FLAT CAPS
Alternating Legend: ON/OFF
Alternating Legend: START/STOP
Alternating Legend: OPEN/CLOSE
O N
OFF
START
STOP
OPEN
CLOSE
Green
Red
Green
Red
Green
Red
01
02
04
Contact us for other Alternating Legends. Legend illustrations are approximate repressentations of the actual characters on the filters.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com