Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY70CSM Datasheet(PDF) 1 Page - Seme LAB

Part # BCY70CSM
Description  HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY70CSM Datasheet(HTML) 1 Page - Seme LAB

  BCY70CSM Datasheet HTML 1Page - Seme LAB BCY70CSM Datasheet HTML 2Page - Seme LAB BCY70CSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCY70CSM
BCY71CSM
BCY72CSM
Prelim. 1/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
HIGH SPEED
MEDIUM POWER
PNP SWITCHING TRANSISTOR
FEATURES
• Hermetic Surface Mount Package
(SOT23 Compatible)
• CECC Screening Options available
VCBO
Collector - Base Voltage (IE= 0)
VCEO
Collector - Emitter Voltage(IB= 0)
VEBO
Emitter - Base Voltage(IC= 0)
ICM
Collector Peak Current
Ptot
Total Power Dissipation @ Tamb < 25°C
TJ , TSTG
Operating and Storage Junction Temperature Range
-50V
-45V
-25V
-40V
-45V
-25V
–5V
-200mA
350mW
–65 to +200°C
MECHANICAL DATA
Dimensions in mm (inches)
LCC1
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
BCY70
BCY71
BCY72
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
PAD 1 – Base
Underside View
PAD 2 – Emitter
PAD 3 – Collector


Similar Part No. - BCY70CSM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY70 PHILIPS-BCY70 Datasheet
51Kb / 8P
PNP general purpose transistors
1997 Jul 11
logo
STMicroelectronics
BCY70 STMICROELECTRONICS-BCY70 Datasheet
133Kb / 5P
GENERAL PURPOSE AMPLIFIERS
Oct 1988
logo
Micro Electronics
BCY70 MICRO-ELECTRONICS-BCY70 Datasheet
173Kb / 2P
PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
BCY70 CENTRAL-BCY70 Datasheet
33Kb / 1P
Small Signal Transistors
logo
Seme LAB
BCY70 SEME-LAB-BCY70 Datasheet
49Kb / 3P
GENERAL PURPOSE PNP SILICON TRANSISTOR
More results

Similar Description - BCY70CSM

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT4403 ROHM-UMT4403 Datasheet
40Kb / 1P
PNP Medium Power Transistor (Switching)
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Rohm
SST4403 ROHM-SST4403_07 Datasheet
104Kb / 4P
PNP Medium Power Transistor(Switching)
logo
Seme LAB
2N2222A SEME-LAB-2N2222A_09 Datasheet
41Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A_02 Datasheet
43Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2907ADCSM SEME-LAB-2N2907ADCSM_08 Datasheet
39Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Rohm
SST2907AT116 ROHM-SST2907AT116 Datasheet
94Kb / 5P
PNP Medium Power Transistor (Switching)
UMT2907AT106 ROHM-UMT2907AT106 Datasheet
94Kb / 5P
PNP Medium Power Transistor (Switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com