Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY70CSM Datasheet(PDF) 2 Page - Seme LAB

Part # BCY70CSM
Description  HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY70CSM Datasheet(HTML) 2 Page - Seme LAB

  BCY70CSM Datasheet HTML 1Page - Seme LAB BCY70CSM Datasheet HTML 2Page - Seme LAB BCY70CSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BCY70CSM
BCY71CSM
BCY72CSM
Prelim. 1/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
VCE = -20V
VCE = -50V
VCE = -20V
VCE = -45V
VCE = -20V
VCE = -25V
VEB = -5V
IC = -10mA
IB = -1mA
IC = -50mA
IB = -5mA
IC = -10mA
IB = -1mA
BCY70 AND BCY71 ONLY
IC = -50mA
IB = -5mA
BCY70
IC = -0.1mA
VCE = -1V
IC = -1mA
VCE = -1V
IC = -10mA
VCE = -1V
IC = -50mA
VCE = -1V
BCY71
IC = -0.01mA VCE = -1V
IC = -0.1mA
VCE = -1V
IC = -1mA
VCE = -1V
IC = -10mA
VCE = 1V
IC = -50mA
VCE = -1V
BCY72
IC = - 1mA
VCE = - 1V
IC = -10mA
VCE = -1V
IC = -.1mA
VCE = -10V
f = 1KHz
IC = -0.1mA
VCE = -20V
f = 10.7MHz
BCY71
IC = -10mA
VCE = -20V
f = 100MHz
BCY70
BCY71 and BCY72
IC = 0
VEB = -1V
f = 1MHz
IE = 0
VCB = -10V
f = 1MHz
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
ICES
Collector Cut-off Current (VBE = 0)
IEBO
Emitter Cutoff Current (IC = 0)
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
hfe
Small Signal Current
fT
Transition Frequency
CEBO
Emitter-Base Capacitance
CCBO
Collector-Base Capacitance
-10
-500
-100
-10
-100
-10
-10
-0.25
-0.5
-0.6
-0.9
-1.2
40
45
50
15
60
80
90
100
600
15
40
50
100
400
15
250
200
8
6
nA
nA
mA
nA
mA
mA
V
V
—
—
MHz
pF
BCY70
BCY71
BCY72



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com