Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3000LP Datasheet(PDF) 1 Page - Make-Ps

Part # 3000LP
Description  Single, Dual, Triple Output DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

3000LP Datasheet(HTML) 1 Page - Make-Ps

  3000LP Datasheet HTML 1Page - Make-Ps 3000LP Datasheet HTML 2Page - Make-Ps 3000LP Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The 3000LP series is a family of compact 25W to 30W, high
performance DC/DC converters. These converters are
specifically designed to provide the flexibility, power density,
and reliability required to fulfill local power needs in
applications ranging from telecom switch systems to
portable instrumentation. 24 models operate over 2:1 input
ranges of 9 to 18, 18 to 36 or 36 to 72 VDC; providing single,
dual or triple output combinations of 5, 12, 15, ±5, ±12, ±15,
5±12 and 5±15 VDC. All models are packaged in compact,
low profile 3.0” X 2.56” X 0.4” metal cases.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
3000LP series
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
•• SSyynncchhrroonniizzaattiioonn aanndd O
Ou
uttp
pu
utt T
Trriim
m
•• W
Wiid
de
e 22::11 IIn
np
pu
utt V
Vo
olltta
ag
ge
e R
Ra
an
ng
ge
e
•• EEffffiicciieennccyy ttoo 8822%
%
•• U
ULL 11995500 A
Ap
pp
prro
ovve
ed
d
•• CCSSA
A 2222..99--995500 A
Ap
pp
prro
ovve
ed
d
•• VVD
DE
E // E
EN
N 6600995500 A
Ap
pp
prro
ovve
ed
d
•• >>660000
,,
000000 H
Ho
ou
urrss M
MT
TB
BFF
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage Range
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Over Voltage Shutdown
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Remote ON / OFF Control
Supply ON
5.5 VDC or Open Circuit
Supply OFF
0 VDC to 0.8 VDC
Logic Referenced to Negative Input
Reverse Polarity Input Current
Amp
Input Filter
Pi Filter
Input Fuse Rating
See Model Selection
Guide
Unit/Comments
% 1
% 1
% 1
% 1; G Case Only
%; Equal Output Loads
mV; Equal Output Loads
Full Load
% 2
% 2
% 2
% 2
% 3
% 3 ; Equal Loads
% 3
% 3 ; Equal Loads
mV; p-p, Nom.Line FL,
20Mhz B.W. using
1
μf bypass capacitor
% of Vout
Continuous, Auto-
matic Recovery
μS to within1% error
band for 50% step
load change
% per oC
Min Typ Max
±1.0
±1.0
±5.0
±5.0
±2.0
±100
10%
±0.5
±1.0
±0.2
±5.0
±0.5
±1.0
±1.0
±2.0
75
1
100
±0.01
Single, Dual, Triple Output
DC/DC Converter
Min
9
18
36
Typ
12
24
48
20
40
74
Max
18
36
72
12
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Single and Dual Outputs
Thousand Hours,
+25oC, Ground
Benign
Triple Outputs
Thousand Hours,
+25oC, Ground
Benign
Min
100
1000
1000
685
570
Typ
190
Max
Output Voltage Accuracy
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Output Voltage Adjustment
Voltage Balance:
Dual Outputs
Triple Outputs (Auxiliaries)
Minimum Load
Line Regulation
Single Outputs
Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Load Regulation
Single Outputs
Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Ripple/Noise
5V Outputs
12V and 15V Outputs
Short Circuit Protection
Transient Recovery Time
Temperature Coefficient
Over Voltage Protection
1
= Output voltage at nominal line & FL
2
= % Output voltage measured from min. input line to maximum
3
= Output voltage measured from FL to 10% Load
See Model Selection Guide
>> B-200
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 3000LP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3000LA-SCNN EMCORE-3000LA-SCNN Datasheet
2Mb / 2P
Long Range L-Band Transport
3000LA-SDNN EMCORE-3000LA-SDNN Datasheet
2Mb / 2P
Long Range L-Band Transport
3000LAC-SDNN EMCORE-3000LAC-SDNN Datasheet
2Mb / 2P
Long Range L-Band Transport
3000LAC-SDZZ EMCORE-3000LAC-SDZZ Datasheet
2Mb / 2P
Long Range L-Band Transport
3000LAD-SDNN EMCORE-3000LAD-SDNN Datasheet
2Mb / 2P
Long Range L-Band Transport
More results

Similar Description - 3000LP

ManufacturerPart #DatasheetDescription
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
Single, Dual, Triple Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com