Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9643 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9643
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9643 Datasheet HTML 8Page - Analog Devices AD9643 Datasheet HTML 9Page - Analog Devices AD9643 Datasheet HTML 10Page - Analog Devices AD9643 Datasheet HTML 11Page - Analog Devices AD9643 Datasheet HTML 12Page - Analog Devices AD9643 Datasheet HTML 13Page - Analog Devices AD9643 Datasheet HTML 14Page - Analog Devices AD9643 Datasheet HTML 15Page - Analog Devices AD9643 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9643
Rev. A | Page 12 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
DNC
DNC
DNC
DNC
(LSB) D0–
(LSB) D0+
DRVDD
D1–
D1+
D2–
D2+
D3–
D3+
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE
PACKAGE PROVIDES THE ANALOG GROUND FOR THE PART.
THIS EXPOSED PADDLE MUST BE CONNECTED TO GROUND
FOR PROPER OPERATION.
PDWN
OEB
CSB
SCLK
SDIO
OR+
OR–
D13+ (MSB)
D13– (MSB)
D12+
D12–
DRVDD
D11+
D11–
D10+
D10–
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9643
PARALLEL LVDS
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. LFCSP Interleaved Parallel LVDS Pin Configuration (Top View)
Table 8. Pin Function Descriptions for Interleaved Parallel LVDS Mode
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
10, 19, 28, 37
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
49, 50, 53, 54, 59, 60, 63, 64
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
4, 5, 6, 7, 55, 56, 58
DNC
Do Not Connect. Do not connect to this pin.
0
AGND,
Exposed Paddle
Ground
Analog Ground. The exposed thermal paddle on the bottom of the
package provides the analog ground for the part. This exposed
paddle must be connected to ground for proper operation.
ADC Analog
51
VIN+A
Input
Differential Analog Input Pin (+) for Channel A.
52
VIN−A
Input
Differential Analog Input Pin (−) for Channel A.
62
VIN+B
Input
Differential Analog Input Pin (+) for Channel B.
61
VIN−B
Input
Differential Analog Input Pin (−) for Channel B.
57
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. This pin
should be decoupled to ground using a 0.1 μF capacitor.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
Digital Input
3
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
9
D0+ (LSB)
Output
Channel A/Channel B LVDS Output Data 0—True.
8
D0− (LSB)
Output
Channel A/Channel B LVDS Output Data 0—Complement.
12
D1+
Output
Channel A/Channel B LVDS Output Data 1—True.
11
D1−
Output
Channel A/Channel B LVDS Output Data 1—Complement.
14
D2+
Output
Channel A/Channel B LVDS Output Data 2—True.
13
D2−
Output
Channel A/Channel B LVDS Output Data 2—Complement.
16
D3+
Output
Channel A/Channel B LVDS Output Data 3—True.
15
D3−
Output
Channel A/Channel B LVDS Output Data 3—Complement.
18
D4+
Output
Channel A/Channel B LVDS Output Data 4—True.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com