Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9643 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9643
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9643 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9643 Datasheet HTML 17Page - Analog Devices AD9643 Datasheet HTML 18Page - Analog Devices AD9643 Datasheet HTML 19Page - Analog Devices AD9643 Datasheet HTML 20Page - Analog Devices AD9643 Datasheet HTML 21Page - Analog Devices AD9643 Datasheet HTML 22Page - Analog Devices AD9643 Datasheet HTML 23Page - Analog Devices AD9643 Datasheet HTML 24Page - Analog Devices AD9643 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD9643
Rev. A | Page 21 of 36
0
–20
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
90 100 110 120
FREQUENCY (MHz)
250MSPS
184.12MHz @ –7dBFS
187.12MHz @ –7dBFS
SFDR = 87dBc (94dBFS)
Figure 36. AD9643-250 Two-Tone FFT with fIN1 = 184.12, fIN2 = 187.12 MHz,
fS = 250 MSPS
100
95
90
85
80
75
70
220
200
180
160
140
120
100
80
60
40
240
SAMPLE RATE (MSPS)
SNR, CHANNEL B
SFDR, CHANNEL B
SNR, CHANNEL A
SFDR, CHANNEL A
Figure 37. AD9643-250 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90.1 MHz
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
N + 2 N + 3 N + 4 N + 5
N + 1
N
N – 1
N – 2
N – 3
N – 4
N – 5
OUTPUT CODE
1.33LSB rms
16,378 TOTAL HITS
Figure 38. AD9643-250 Grounded Input Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com