Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE318 Datasheet(PDF) 39 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 35Page - Analog Devices ADATE318 Datasheet HTML 36Page - Analog Devices ADATE318 Datasheet HTML 37Page - Analog Devices ADATE318 Datasheet HTML 38Page - Analog Devices ADATE318 Datasheet HTML 39Page - Analog Devices ADATE318 Datasheet HTML 40Page - Analog Devices ADATE318 Datasheet HTML 41Page - Analog Devices ADATE318 Datasheet HTML 42Page - Analog Devices ADATE318 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
ADATE318
Rev. 0 | Page 39 of 80
2.0
1.5
3.0
2.5
0.5
0
1.0
DUTGND VOLTAGE (V)
–0.10
0
0.05
0.10
0.15
–0.15
–0.05
Figure 57. Typical DUTGND Transfer Function Voltage Error,
Drive Low VIL = 0 V
–0.2
–0.3
0.1
0
–0.1
–0.4
–0.5
0.2
0
–1
–2
2
1
PMU OUTPUT VOLTAGE (V)
4
35
7
6
Figure 58. PPMU Force Voltage Linearity Error, All Ranges
0
–5
10
5
–10
15
–30
–20
–10
–40
0
PMU OUTPUT CURRENT (mA)
10
20
40
30
Figure 59. PPMU Range A Force Current Linearity Error
–0.05
0.10
0.05
0
–0.15
–0.10
0.15
–0.5
–1.0
0
PMU OUTPUT CURRENT (mA)
0.5
1.0
Figure 60. PPMU Range B Force Current Linearity Error
0.016
0.012
0.010
0.004
0.002
0
0.006
0.014
0.008
0.018
–0.05
–0.10
0
PMU OUTPUT CURRENT (mA)
0.05
0.10
Figure 61. PPMU Range C Force Current Linearity Error
0.0005
–0.0005
–0.0010
0
0.0010
0.0015
–0.005
–0.010
0
PMU OUTPUT CURRENT (mA)
0.005
0.010
Figure 62. PPMU Range D Force Current Linearity Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com