Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE318 Datasheet(PDF) 17 Page - Analog Devices

Part # ADATE318
Description  600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE318 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADATE318 Datasheet HTML 13Page - Analog Devices ADATE318 Datasheet HTML 14Page - Analog Devices ADATE318 Datasheet HTML 15Page - Analog Devices ADATE318 Datasheet HTML 16Page - Analog Devices ADATE318 Datasheet HTML 17Page - Analog Devices ADATE318 Datasheet HTML 18Page - Analog Devices ADATE318 Datasheet HTML 19Page - Analog Devices ADATE318 Datasheet HTML 20Page - Analog Devices ADATE318 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
ADATE318
Rev. 0 | Page 17 of 80
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions
Output Short-Circuit Current
−25
+25
mA
P
PPMU enabled in FVMV, DCL disabled;
Source:
PPMU force
+6.5 V, PPMU_MEAS to −2.0 V
Sink:
PPMU force
−2.0 V, PPMU_MEAS to +6.5 V
PPMU_MEASx Pin, Output
Capacitance
2
pF
S
PPMU_MEASx Pin, Load Capacitance
100
pF
S
Maximum load capacitance.
VOLTAGE CLAMPS
PPMU enabled in FIMI, DCL disabled, PPMU
clamps enabled; clamp accuracy specifica-
tions apply only when VCH > VCL.
Low Clamp Range (VCL)
−2.0
+4.0
V
D
High Clamp Range (VCH)
0.0
+6.5
V
D
Positive Clamp Voltage Droop
−300
±1
+300
mV
P
ΔV seen at DUTx pin, Range A, VCH = +5.0 V,
VCL =
−1 V; PPMU force 5 mA and 40 mA into
open.
Negative Clamp Voltage Droop
−300
±1
+300
mV
P
ΔV seen at DUTx pin, Range A, VCH = +5.0 V,
VCL =
−1 V, PPMU force −5 mA and 40 mA
into open.
Offset, PPMU Clamp VCH/VCL
−300
+300
mV
P
Range B, PPMU force ±0.5 mA into open; VCH
measured at DAC Code 0x4000 (0 V) with VCL
at Code 0x0000 (
−2.5 V); VCL measured at
DAC Code 0x4000 (0 V) with VCH at 0xFFFF
(+7.5 V).
Offset Tempco, PPMU Clamp VCH/VCL
±0.5
mV/°C
CT
Gain, PPMU Clamp VCH/VCL
1.0
1.2
V/V
P
Range B, PPMU force ±0.5 mA into open; VCH
gain derived from measurements at DAC
Code 0x4000 (0 V) and DAC Code 0xC000
(
+5.0 V) with VCL at Code 0x0000 (−2.5 V); VCL
gain derived from measurements at DAC
Code 0x4000 (0 V) and DAC Code 0xA666
(
+4.0 V) with VCH at 0xFFFF (+7.5 V).
Gain Tempco, PPMU Clamp VCH/VCL
±25
ppm/°C
CT
INL, PPMU Clamp VCH/VCL
−20
+20
mV
P
Range B, PPMU force ±0.5 mA into open,
after two point gain/offset calibration;
measured over PPMU clamp functional range.
DUTGND Voltage Accuracy
−7
±2
+7
mV
P
Over ±0.1 V range; measured at end points of
clamp functional range.
SETTLING/SWITCHING TIMES
Force Voltage Settling Time to 0.1% of
Final Value
Range A,
200 pF and 2000 pF Load
10
μs
S
PPMU enabled in FV, Range A, DCL disabled;
program VIN steps from 0 V to 0.5 V and 5.0 V.
Range B,
200 pF and 2000 pF Load
12
μs
S
PPMU enabled in FV, Range B, DCL disabled;
program VIN steps from 0 V to 0.5 V and 5.0 V.
Range C,
200 pF and 2000 pF Load
32
μs
S
PPMU enabled in FV, Range C, DCL disabled;
program VIN steps from 0 V to 0.5 V and 5.0 V.
Force Voltage Settling Time to 1.0% of
Final Value
Range A,
200 pF & 2000 pf Load
8.1
μs
CB
PPMU enabled in FV, Range A, DCL disabled;
program VIN steps from 0 V to 5.0 V.
Range B,
200 pF and 2000 pf Load
8.1
μs
CB
PPMU enabled in FV, Range B, DCL disabled;
program VIN steps from 0 V to 5.0 V.
Range C,
200 pF and 2000 pf Load
8.1
μs
CB
PPMU enabled in FV, Range C, DCL disabled;
program VIN steps from 0 V to 5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com