Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC608 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PC608
Description  60A Avg 800 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC608 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PC608 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC608 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
─47─
DIODE
60A Avg 800 Volts
PC608
PD608
■回路図 CIRCUIT
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
960
V
PC608/PD608
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
*1
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=114℃
Half Sine Wave
60
A
実効順電流
*1
RMS Forward Current
IF
(RMS)
94
A
電流二乗時間積
*1
I Squared t
I
2t
2∼10ms
7200
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
2.4∼2.8
N・m
2.4∼2.8
N・m
ベース部
Mounting
主端子部
Terminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=150℃,VRM=VRRM
15
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj= 25℃,IFM=180A
1.25
V
熱抵抗
*1
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
0.5
℃/W
接触熱抵抗
*1
Thermal Resistance
Rth
(c-f)
ケース−フィン間,サーマルコンパウンド塗布
Case to Fin, Greased
0.2
℃/W
質量…約155g
*1:1アーム当りの値 Value Per 1 Arm.
Approximate Weight
サージ順電流
*1
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
1200
A
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2000
V
■電気的特性 Electrical Characteristics
M5
M5
12
3
D1
D2
12
3
D1
D2
PC
PD


Similar Part No. - PC608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC608 NIEC-PC608 Datasheet
192Kb / 3P
DIODE MODULE 60A/800V
logo
Kyocera Kinseki Corpota...
PC608 KSS-PC608 Datasheet
248Kb / 2P
Diode
logo
National Instruments Co...
PC608 NI-PC608_15 Datasheet
153Kb / 2P
60A Avg 800 Volts
More results

Similar Description - PC608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD60KN8 NIEC-PD60KN8 Datasheet
149Kb / 2P
DIODE 60A Avg 800 Volts
PHT608C NIEC-PHT608C Datasheet
26Kb / 1P
THYRISTOR 60A Avg 800 Volts
PDT608 NIEC-PDT608_1 Datasheet
245Kb / 4P
60A Avg 800 Volts
PE608N NIEC-PE608N_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
logo
National Instruments Co...
P2H60F2 NI-P2H60F2_15 Datasheet
208Kb / 2P
60A Avg 200 Volts
P2H60F6 NI-P2H60F6_15 Datasheet
207Kb / 2P
60A Avg 600 Volts
P2H60QH10 NI-P2H60QH10_15 Datasheet
237Kb / 2P
60A Avg 100 Volts
P2H60QH15 NI-P2H60QH15_15 Datasheet
77Kb / 1P
60A Avg 150 Volts
PC60QL03N NI-PC60QL03N_15 Datasheet
168Kb / 2P
60A Avg 30 Volts
PC608 NI-PC608_15 Datasheet
153Kb / 2P
60A Avg 800 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com