Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1276 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1276
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1276 Datasheet HTML 17Page - Analog Devices ADM1276 Datasheet HTML 18Page - Analog Devices ADM1276 Datasheet HTML 19Page - Analog Devices ADM1276 Datasheet HTML 20Page - Analog Devices ADM1276 Datasheet HTML 21Page - Analog Devices ADM1276 Datasheet HTML 22Page - Analog Devices ADM1276 Datasheet HTML 23Page - Analog Devices ADM1276 Datasheet HTML 24Page - Analog Devices ADM1276 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ADM1276
Rev. 0 | Page 21 of 48
TIMER
The TIMER pin handles several timing functions with an
external capacitor, CTIMER. The two comparator thresholds are
VTIMERL (0.2 V) and VTIMERH (1 V). There are four timing current
sources: a 3 μA pull-up, a 60 μA pull-up, a 2 μA pull-down, and
a 100 μA pull-down.
These current and voltage levels, together with the value of
CTIMER chosen by the user, determine the initial timing cycle
time, the fault current-limit time, and the hot swap retry duty
cycle. The TIMER pin capacitor value is determined using the
following equation:
CTIMER = (tON × 60 μA)/VTIMERH
where tON is the time that the FET is allowed to spend in regu-
lation at the set current limit.
The choice of FET is based on matching this time with the SOA
requirements of the FET. Foldback can be used to simplify the
selection.
When VCC is connected to the backplane supply, the internal
supply of the ADM1276 must be charged up. In a very short
time, the internal supply is fully charged up and, because the
undervoltage lockout (UVLO) voltage is exceeded at VCC, the
device emerges from reset. During this first short reset period,
the GATE and TIMER pins are both held low.
The ADM1276 then goes through an initial timing cycle. The
TIMER pin is pulled high with 3 μA. When the TIMER pin
reaches the VTIMERH threshold (1.0 V), the first portion of the
initial timing cycle is complete. The 100 μA current source then
pulls down the TIMER pin until it reaches VTIMERL (0.2 V). The
initial timing cycle duration is related to CTIMER by the following
equation:
A
100
)
(
A
3
TIMER
TIMERL
TIMERH
TIMER
TIMERH
INITIAL
C
V
V
C
V
t
For example, a 100 nF capacitor results in a delay of approxi-
mately 34 ms. If the UV and OV inputs indicate that the supply
is within the defined window of operation when the initial timing
cycle terminates, the device is ready to start a hot swap operation.
When the voltage across the sense resistor reaches the circuit
breaker trip voltage, VCB, the 60 μA timer pull-up current is
activated, and the gate begins to regulate the current at the current
limit. This initiates a ramp-up on the TIMER pin. If the sense
voltage falls below this circuit breaker trip voltage before the
TIMER pin reaches VTIMERH, the 60 μA pull-up is disabled and
the 2 μA pull-down is enabled.
The circuit breaker trip voltage is not the same as the hot swap
sense voltage current limit. There is a small circuit breaker offset,
VCBOS, which means that the timer actually starts a short time
before the current reaches the defined current limit.
However, if the overcurrent condition is continuous and the
sense voltage remains above the circuit breaker trip voltage, the
60 μA pull-up remains active and the FET remains in regulation.
This allows the TIMER pin to reach VTIMERH and initiate the
GATE shutdown. On the ADM1276, the LATCH pin is pulled
low immediately.
In latch-off mode, the TIMER pin is switched to the 2 μA
pull-down when it reaches the VTIMERH threshold. The LATCH
pin remains low. While the TIMER pin is being pulled down,
the hot swap controller remains off and cannot be turned back on.
When the voltage on the TIMER pin goes below the VTIMERL
threshold, the hot swap controller can be reenabled by toggling
the UV pin or by using the PMBus OPERATION command to
toggle the on bit from on to off and then on again.
HOT SWAP RETRY DUTY CYCLE
The ADM1276 turns off the FET after an overcurrent fault and
then uses the capacitor on the TIMER pin to provide a delay before
automatically retrying the hot swap operation. To configure the
ADM1276 for autoretry mode, the LATCH pin is tied to either
the UV pin or to the ENABLE pin. Note that a pull-up resistor
is required on the LATCH pin.
When an overcurrent fault occurs, the capacitor on the TIMER
pin is charged with a 60 μA pull-up current. When the TIMER
pin reaches VTIMERH, the GATE pin is pulled down. When the
LATCH pin is tied to the UV pin or the ENABLE pin for auto-
retry mode, the TIMER pin is pulled down with a 2 μA current
sink. When the TIMER pin reaches VTIMERL (0.2 V), it automatically
restarts the hot swap operation.
The duty cycle of this automatic retry cycle is set by the ratio
of 2 μA/60 μA, which approximates to being on about 4% of
the time. The value of the timer capacitor determines the on
time of this cycle, which is calculated as follows:
tON = VTIMERH × (CTIMER/60 μA)
tOFF = (VTIMERH − VTIMERL) × (CTIMER/2 μA)
A 100 nF capacitor on the TIMER pin gives an on time of 1.67 ms
and an off time of 40 ms. The device retries indefinitely in this
manner and can be disabled manually by holding the UV or
ENABLE pin low, or by disconnecting the LATCH pin. To pre-
vent thermal stress, an RC network can be used to extend the
retry time to any desired level.
FET GATE DRIVE CLAMPS
The charge pump used on the GATE pin is capable of driving
the pin to VCC + (2 × VCC), but it is clamped to less than 14 V
above the SENSE± pins and less than 31 V. These clamps ensure
that the maximum VGS rating of the FET is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com