Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP197ACBZ-R7
Description  5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP197ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP197
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8 V, VEN = VIN, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
–40 –30 –20 –10
0
102030405060708090
TEMPERATURE (°C)
1.8V
3.4V
4.2V
5.5V
Figure 4. RDSON vs. Temperature, 500 mA
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
1.8V
3.4V
4.2V
5.5V
Figure 5. RDSON vs. Temperature, 3 A, Different Input Voltages (VIN)
0
0.005
0.010
0.015
0.020
0.025
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
50mA
100mA
200mA
500mA
1000mA
3000mA
Figure 6. RDSON vs. Input Voltage (VIN), Different Load Currents
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
–40
–5
25
65
85
TEMPERATURE (°C)
50mA
100mA
200mA
500mA
1000mA
3000mA
Figure 7. Voltage Drop vs. Temperature, Different Load Currents
0
5
10
15
20
25
30
35
40
45
50
–40
–525
6585
TEMPERATURE (°C)
100mA
200mA
500mA
1000mA
3000mA
Figure 8. Ground Current vs. Temperature, Different Load Currents,
VIN = 1.8 V
0
5
10
15
20
25
30
35
40
45
50
–40
–5
25
65
85
TEMPERATURE (°C)
100mA
200mA
500mA
1000mA
3000mA
Figure 9. Ground Current vs. Temperature, Different Load Currents,
VIN = 4.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com