Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2147 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2147
Description  Compact, 800 mA, 3 MHz, Simple DVS, Buck Regulator Input voltage: 2.3 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2147 Datasheet(HTML) 1 Page - Analog Devices

  ADP2147 Datasheet HTML 1Page - Analog Devices ADP2147 Datasheet HTML 2Page - Analog Devices ADP2147 Datasheet HTML 3Page - Analog Devices ADP2147 Datasheet HTML 4Page - Analog Devices ADP2147 Datasheet HTML 5Page - Analog Devices ADP2147 Datasheet HTML 6Page - Analog Devices ADP2147 Datasheet HTML 7Page - Analog Devices ADP2147 Datasheet HTML 8Page - Analog Devices ADP2147 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Compact, 800 mA, 3 MHz,
Simple DVS, Buck Regulator
ADP2147
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage: 2.3 V to 5.5 V
Peak efficiency: 95%
3 MHz fixed frequency operation
Low quiescent current: 23 μA
Ultralow shutdown current: 0.2 μA (typical)
VSEL pin for simple dynamic voltage scaling (DVS)
100% duty cycle low dropout mode
Internal synchronous rectifier, compensation, and soft start
Current overload and thermal shutdown protection
Small, 6-ball, 1 mm × 1.5 mm WLCSP package
APPLICATIONS
PDAs and palmtop computers
Wireless handsets
Digital audio portable media players
Digital cameras, GPS navigation units
Low power portable medical equipment
GENERAL DESCRIPTION
The ADP2147 is a high efficiency, low quiescent current, step-
down (buck) dc-to-dc regulator with an output voltage that can
be switched between two different settings under the control of
a select pin. The total solution requires only three tiny external
components.
The buck regulator automatically switches operating modes,
depending on the load current level, to maximize efficiency. At
high output loads, the buck regulator operates in PWM mode.
When the load current falls below a predefined threshold, the
regulator operates in power save mode (PSM), improving the
light-load efficiency.
The ADP2147 runs on input voltages of 2.3 V to 5.5 V, which
allows for single lithium or lithium polymer cells, multiple
alkaline or NiMH cells, PCMCIA, USB, and other standard
power sources. The maximum load current of 800 mA is
achievable across the input voltage range.
The ADP2147 is available with fixed output voltages from 0.8 V
to 3.3 V. All versions include an internal power switch and
synchronous rectifier for minimal external part count and high
efficiency. The ADP2147 has an internal soft start and is
internally compensated. During logic controlled shutdown, the
input is disconnected from the output, and the ADP2147 draws
less than 0.2 μA (typical) from the power source.
Other key features include undervoltage lockout to prevent deep
battery discharge and soft start to prevent input current over-
shoot at startup. The ADP2147 is available in a 6-ball WLCSP.
TYPICAL APPLICATIONS CIRCUIT
ON
OFF
VOUT_H
VOUT_L
VIN
SW
EN
VSEL
GND
VOUT
ADP2147
4.7µF
4.7µF
2.3V TO 5.5V
VOUT
1.0µH
Figure 1.


Similar Part No. - ADP2147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP2140 AD-ADP2140 Datasheet
1Mb / 22P
Power Conditioner for APL Field Devices
Rev. 0
ADP2140ACPZ1218R7 AD-ADP2140ACPZ1218R7 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP2140ACPZ1228R7 AD-ADP2140ACPZ1228R7 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP2140ACPZ1233R7 AD-ADP2140ACPZ1233R7 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
More results

Similar Description - ADP2147

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108 Datasheet
1Mb / 18P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
11-Nov-13
logo
ABLIC Inc.
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1135 ABLIC-S-1135 Datasheet
558Kb / 48P
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1313 ABLIC-S-1313 Datasheet
825Kb / 56P
5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1313XXXH ABLIC-S-1313XXXH Datasheet
889Kb / 49P
105°C OPERATION, 5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.1.2_00
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
S-1333 ABLIC-S-1333 Datasheet
676Kb / 47P
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com