Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2147 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2147
Description  Compact, 800 mA, 3 MHz, Simple DVS, Buck Regulator Input voltage: 2.3 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2147 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2147 Datasheet HTML 8Page - Analog Devices ADP2147 Datasheet HTML 9Page - Analog Devices ADP2147 Datasheet HTML 10Page - Analog Devices ADP2147 Datasheet HTML 11Page - Analog Devices ADP2147 Datasheet HTML 12Page - Analog Devices ADP2147 Datasheet HTML 13Page - Analog Devices ADP2147 Datasheet HTML 14Page - Analog Devices ADP2147 Datasheet HTML 15Page - Analog Devices ADP2147 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADP2147
Rev. 0 | Page 16 of 16
OUTLINE DIMENSIONS
A
B
C
0.640
0.595
0.550
0.370
0.355
0.340
0.270
0.240
0.210
1.070
1.030
0.990
1.545
1.505
1.465
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.340
0.320
0.300
1.00
REF
0.50
REF
BALL A1
IDENTIFIER
SEATING
PLANE
0.50 REF
COPLANARITY
0.05
Figure 38. 6-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-6-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
VOUT (V)
(VSEL = 0)
VOUT (V)
(VSEL = 1)
Package Description
Package
Option
Branding
ADP2147ACBZ-110-R7
−40°C to +125°C
1.275
0.981
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LLE
ADP2147ACBZ-130-R7
−40°C to +125°C
0.9
1.3
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LLF
ADP2147ACBZ-150-R7
−40°C to +125°C
1.2
1.0
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LLG
ADP2147ACBZ-170-R7
−40°C to +125°C
0.9
1.1
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-12
LLH
ADP2147CB-110EVALZ
Evaluation Board
ADP2147CB-130EVALZ
Evaluation Board
ADP2147CB-150EVALZ
Evaluation Board
ADP2147CB-170EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09885-0-5/11(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com