Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2147ACBZ-130-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2147ACBZ-130-R7
Description  Compact, 800 mA, 3 MHz, Simple DVS, Buck Regulator Input voltage: 2.3 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2147ACBZ-130-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2147ACBZ-130-R7 Datasheet HTML 6Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 7Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 8Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 9Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 10Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 11Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 12Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 13Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP2147
Rev. 0 | Page 10 of 16
T
4
1
1
2
A CH4
1.32V
M 40.0µs
T 50.00%
CH1 10.0mVΩ
CH2 500mA Ω
CH4 2.00V
SW
VOUT
IL
Figure 27. Typical Waveform, VOUT = 1.8 V, PWM Mode, IOUT = 200 mA
130
0
10
20
30
40
50
60
70
80
90
100
110
120
0.001
0.01
0.1
1
IOUT (A)
1.8V, VIN = 5.5V, AUTO
1.8V, VIN = 3.6V, AUTO
1.8V, VIN = 2.3V, AUTO
Figure 28. VOUT Peak-to-Peak Ripple vs. Output Current, VOUT = 1.8 V
T
1
2
A CH2
1.72V
M 40.0µs
CH1 100mV
CH2 2.00V
T
–1.966µs
Figure 29. VSEL Change Triggering VOUT Transition from 0.981 V to 1.275 V,
ILOAD = 10 mA
T
1
2
A CH2
1.72V
M 40.0µs
CH1 100mV
CH2 2.00V
T
79.64µs
Figure 30. VSEL Change Triggering VOUT Transition from 1.275 V to 0.981 V,
ILOAD = 10 mA
T
1
2
A CH2
1.76V
M 40.0µs
CH1 100mV
CH2 2.00V
T 50.20%
Figure 31. VSEL Change Triggering VOUT Transition from 0.981 V to1.275 V,
ILOAD = 200 mA
T
1
2
A CH2
1.76V
M 40.0µs
CH1 100mV
CH2 2.00V
T 30.00%
Figure 32. VSEL Change Triggering VOUT Transition from1.275 V to 0.981 V, ILOAD
= 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com