Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2147ACBZ-130-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2147ACBZ-130-R7
Description  Compact, 800 mA, 3 MHz, Simple DVS, Buck Regulator Input voltage: 2.3 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2147ACBZ-130-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2147ACBZ-130-R7 Datasheet HTML 8Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 9Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 10Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 11Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 12Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 13Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 14Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 15Page - Analog Devices ADP2147ACBZ-130-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP2147
Rev. 0 | Page 12 of 16
SIMPLE DYNAMIC VOLTAGE SCALING (DVS)
The ADP2147 has a VSEL pin that allows the user to force the
output voltage to change from one level (the default VOUT
setting) when VSEL is low and to another level (the alternate
VOUT setting) when VSEL is high. Transition between VOUT
levels is achieved within 40 μs when VOUT is commanded to go
from a lower voltage to a higher voltage. When VOUT is com-
manded to go from a higher VOUT voltage to a lower one, the
transition time depends on the load current present at that time.
SHORT-CIRCUIT PROTECTION
The ADP2147 includes frequency foldback to prevent output
current runaway on a hard short. When the voltage at the
feedback pin falls below half the target output voltage, indi-
cating the possibility of a hard short at the output, the switching
frequency is reduced to half the internal oscillator frequency.
The reduction in the switching frequency allows more time for
the inductor to discharge, preventing a runaway of output current.
UNDERVOLTAGE LOCKOUT
To protect against battery discharge, undervoltage lockout
(UVLO) circuitry is integrated on the ADP2147. If the input
voltage drops below the 2.15 V UVLO threshold, the ADP2147
shuts down, and both the power switch and the synchronous
rectifier turn off. When the voltage rises above the UVLO
threshold, the soft start period is initiated, and the part is
enabled.
THERMAL PROTECTION
In the event that the ADP2147 junction temperature rises above
150°C, the thermal shutdown circuit turns off the regulator.
Extreme junction temperatures can be the result of high current
operation, poor circuit board design, or high ambient temperature.
A 20°C hysteresis is included so that when thermal shutdown
occurs, the ADP2147 does not return to operation until the on-
chip temperature drops below 130°C. When coming out of
thermal shutdown, a soft start is initiated.
SOFT START
The ADP2147 has an internal soft start function that ramps the
output voltage in a controlled manner upon startup, thereby
limiting the inrush current. The soft start minimizes input
voltage drop when a battery or a high impedance power source is
connected to the regulator’s input.
After the EN pin is driven high, internal circuits begin to power
up. Start-up time in the ADP2147 is the measure of when the
output is in regulation after the EN pin is driven high. Start-up
time consists of the power-up time plus the soft start time.
CURRENT LIMIT
The ADP2147 has protection circuitry to limit the amount of
positive current flowing through the PFET switch and the
synchronous rectifier. The positive current limit on the power
switch controls the amount of current that can flow from the
power source to the output. The negative current limit prevents
the inductor current from reversing direction and flowing out
of the load.
100% DUTY OPERATION
With a drop in VIN or with an increase in ILOAD, the ADP2147
eventually reaches a limit where, even with the pFET switch on
100% of the time, VOUT drops below the desired output voltage.
At this limit, the ADP2147 smoothly transitions to a mode
where the PFET switch stays on 100% of the time. When the input
conditions change again and the required duty cycle falls, the
ADP2147 immediately restarts PWM regulation without
allowing overshoot on VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com