Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1875ARQZ-0.3-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1875ARQZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1875ARQZ-0.3-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1875ARQZ-0.3-R7 Datasheet HTML 1Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 2Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 3Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 4Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 5Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 6Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 7Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 8Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 5 of 44
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
TRACKING
Track Input Voltage Range
0
5
V
FB-to-Tracking Offset Voltage
0.5 V < TRACK < 0.6 V, offset = VFB − VTRACK
63
mV
Leakage Current
VTRACK = 5 V
1
50
nA
1 The maximum specified values are with the closed loop measured at 10% to 90% time points (see Figure
and Figure 60), CGATE = 4.3 nF, and the upper- and lower-side
MOSFETs being Infineon BSC042N03MS G.
59
2 Guaranteed by design.
3 Not automatic test equipment (ATE) tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com