Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1875ARQZ-0.3-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1875ARQZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1875ARQZ-0.3-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1875ARQZ-0.3-R7 Datasheet HTML 14Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 15Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 16Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 17Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 18Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 19Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 20Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 21Page - Analog Devices ADP1875ARQZ-0.3-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 18 of 44
ADP1874/ADP1875 BLOCK DIGRAM
DRVH
GND
IREV
COMP
ADP1874/ADP1875
C
R (TRIMMED)
VREG
tON TIMER
tON = 2RC(VOUT/VIN)
I
SW
INFORMATION
SW FILTER
STATE
MACHINE
TON
BG_REF
IN_PSM
IN_SS
PWM
HS_O
HS
SW
LS
LS_O
IREV
LEVEL
SHIFT
HS
VREG
LS
VREG
300kΩ
800kΩ
8kΩ
SW
DRVL
PGND
BST
VIN
PSM
REF_ZERO
IN_HICC
SS
COMP
ERROR
AMP
SS_REF
0.6V
LOWER
COMP
CLAMP
REF_ZERO
CS
AMP
PWM
FB
TRACK
COMP
VREG
VREG_IN
ISS
SS
0.4V
ADC
RES DETECT AND
GAIN SET
CS GAIN SET
BIAS BLOCK
AND REFERENCE
REF
LDO
PRECISION
ENABLE
EN_REF
TO ENABLE
ALL BLOCKS
EN
RES
530mV
690mV
FB
600mV
PGOOD
Figure 64. ADP1874/ADP1875 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com