Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2377ACBZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2377ACBZ-R7
Description  Filterless, High Efficiency, Mono 2.5 W Class-D Audio Amplifier Pop-and-click suppression
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2377ACBZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2377ACBZ-R7 Datasheet HTML 7Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 8Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 9Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 10Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 11Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 12Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 13Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 14Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SSM2377
Rev. 0 | Page 11 of 16
500
0
02
OUTPUT POWER (W)
50
100
150
200
250
300
400
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
2.2
1.8
600
500
0
OUTPUT POWER (W)
100
200
300
400
VDD = 2.5V
VDD = 3.6V
VDD = 5V
RL = 4Ω + 15µH
GAIN = 6dB
450
350
VDD = 2.5V
VDD = 3.6V
VDD = 5V
RL = 8Ω + 33µH
GAIN = 6dB
Figure 27. Supply Current vs. Output Power into 8 Ω, Gain = 6 dB
Figure 30. Supply Current vs. Output Power into 4 Ω, Gain = 6 dB
0
10
100k
FREQUENCY (Hz)
100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
VDD = 5V
RL = 8Ω + 33µH
GAIN = 12dB
GAIN = 6dB
0
–100
10
100k
FREQUENCY (Hz)
100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
VDD = 5V
RL = 8Ω + 33µH
GAIN = 12dB
GAIN = 6dB
Figure 28. Common-Mode Rejection Ratio (CMRR) vs. Frequency
Figure 31. Power Supply Rejection Ratio (PSRR) vs. Frequency
7
6
5
4
3
2
1
0
–1
–8
–4
36
32
28
24
20
16
12
8
4
0
TIME (ms)
SD INPUT
OUTPUT
7
6
5
4
3
2
1
0
–50
–30
–10
10
30
50
70
TIME (µs)
SD INPUT
OUTPUT
Figure 29. Turn-On Response
Figure 32. Turn-Off Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com