Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2377ACBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2377ACBZ-R7
Description  Filterless, High Efficiency, Mono 2.5 W Class-D Audio Amplifier Pop-and-click suppression
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2377ACBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2377ACBZ-R7 Datasheet HTML 8Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 9Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 10Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 11Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 12Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 13Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 14Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 15Page - Analog Devices SSM2377ACBZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SSM2377
Rev. 0 | Page 12 of 16
TYPICAL APPLICATION CIRCUITS
FET
DRIVER
MODULATOR
(Σ-Δ)
0.1µF
VDD
OUT+
OUT–
BIAS
IN+
80kΩ
80kΩ
POWER SUPPLY
2.5V TO 5.5V
IN–
INTERNAL
OSCILLATOR
POP/CLICK
AND EMI
SUPPRESSION
GND
10µF
22nF
22nF
SHUTDOWN
SD
GAIN SELECT
AUDIO IN+
AUDIO IN–
SSM2377
GAIN
GAIN = 6dB OR 12dB
Figure 33. Monaural Differential Input Configuration
FET
DRIVER
MODULATOR
(Σ-Δ)
0.1µF
VDD
OUT+
OUT–
BIAS
IN+
80kΩ
80kΩ
POWER SUPPLY
2.5V TO 5.5V
IN–
INTERNAL
OSCILLATOR
POP/CLICK
AND EMI
SUPPRESSION
GND
10µF
22nF
22nF
SHUTDOWN
SD
GAIN SELECT
AUDIO IN–
SSM2377
GAIN
GAIN = 6dB OR 12dB
Figure 34. Monaural Single-Ended Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com