Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD65R660CFD Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPD65R660CFD
Description  650V CoolMOS CFD Power Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R660CFD Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPD65R660CFD Datasheet HTML 5Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 6Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 7Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 8Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 9Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 10Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 11Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 12Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
650V CoolMOS™ CFD Power Transistor
IPx65R660CFD
Electrical characteristics diagrams
Final Data Sheet
9
Rev. 2.0, 2011-02-01
Table 12
Safe operating area
T
C=25 °C
Non FullPAK
Safe operating area
T
C=25 °C
FullPAK
I
D=f(VDS); TC=25 °C; VGS > 7.5V; D=0; parameter tp
I
D=f(VDS); TC=25 °C; VGS > 7.5V; D=0; parameter tp
Table 13
Safe operating area
T
C=80 °C
Non FullPAK
Safe operating area
T
C=80 °C
FullPAK
I
D=f(VDS); TC=80 °C; VGS > 7.5V; D=0; parameter tp
I
D=f(VDS); TC=80 °C; VGS > 7.5V; D=0; parameter tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com