Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD65R660CFD Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IPD65R660CFD
Description  650V CoolMOS CFD Power Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R660CFD Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IPD65R660CFD Datasheet HTML 9Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 10Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 11Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 12Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 13Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 14Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 15Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 16Page - Infineon Technologies AG IPD65R660CFD Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
650V CoolMOS™ CFD Power Transistor
IPx65R660CFD
Test circuits
Final Data Sheet
13
Rev. 2.0, 2011-02-01
6
Test circuits
Table 20
Switching times test circuit and waveform for inductive load
Switching times test circuit for inductive load
Switching time waveform
Table 21
Unclamped inductive load test circuit and waveform
Unclamped inductive load test circuit
Unclamped inductive waveform
Table 22
Test circuit and waveform for diode characteristics
Test circuit for diode characteristics
Diode recovery waveform
VDS
VGS
VDS
VGS
td(on)
td(off)
tr
ton
tf
toff
10%
90%
VDS
ID
VDS
VD
V(BR)DS
ID
VDS
VDS
ID
RG1
RG2
RG1 = RG2
Ι
F
dit
/d
trr
10%
90%
Ι
RRM
RRM
Ι
t
RRM
Ι
v
SIL00088
Q
F
v
i
F
Q
S
RRM
V
S
tt
F
/d
i
d
rr
t
rr
tt
S
t
F
=+
=
rr
QQ
SF
+
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com