Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW65R080CFD Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPW65R080CFD
Description  650V CoolMOS CFD Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R080CFD Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPW65R080CFD Datasheet HTML 1Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 2Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 3Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 4Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 5Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 6Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 7Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 8Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
650V CoolMOS™ CFD Power Transistor
IPW65R080CFD
Maximum ratings
Final Data Sheet
4
Rev. 2.0, 2011-02-02
2
Maximum ratings
at Tj = 25 °C, unless otherwise specified.
3
Thermal characteristics
Table 2
Maximum ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Continuous drain current1)
1) Limited by Tj,max.
ID
--
43.3
A
TC= 25 °C
27.4
TC= 100°C
Pulsed drain current2)
2) Pulse width tp limited by Tj,max
ID,pulse
--
137
A
TC=25 °C
Avalanche energy, single pulse
EAS
-
-
1160
mJ
ID=8.7 A,VDD=50 V
Avalanche energy, repetitive
EAR
-
-
1.76
Avalanche current, repetitive
IAR
--
8.7
A
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns VDS=0...480 V
Gate source voltage
VGS
-20
-
20
V
static
-30
30
AC (f>1 Hz)
Power dissipation
Ptot
--
391
W
TC=25 °C
Operating and storage temperature Tj,Tstg
-55
-
150
°C
Mounting torque
-
-
60
Ncm M3 and M3.5 screws
Continuous diode forward current
IS
--
43.3
A
TC=25 °C
Diode pulse current2)
IS,pulse
--
140
A
TC=25 °C
Reverse diode dv/dt3)
3) ISD≤ID, di/dt≤900A/µs, VDClink=400V, Vpeak<V(BR)DSS, Tj<Tjmax, identical low and high side switch
dv/dt
-
-
50
V/ns VDS=0...400 V, ISD ID,
Tj=25 °C
Maximum diode commutation
speed3)
dif/dt
-
-
900
A/µs
Table 3
Thermal characteristics TO-247
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case RthJC
-
-
0.32
°C/W
Thermal resistance, junction -
ambient
RthJA
-
-
62
leaded
Soldering temperature,
wavesoldering only allowed at
leads
Tsold
-
-
260
°C
1.6 mm (0.063 in.)
from case for 10 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com