Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW65R080CFD Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPW65R080CFD
Description  650V CoolMOS CFD Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R080CFD Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPW65R080CFD Datasheet HTML 4Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 5Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 6Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 7Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 8Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 9Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 10Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 11Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
650V CoolMOS™ CFD Power Transistor
IPW65R080CFD
Package outlines
Final Data Sheet
11
Rev. 2.0, 2011-02-02
6
Package outlines
Figure 1
Outlines TO-247, dimensions in mm/inches
MILLIMETERS
5.44 (BSC)
c
Q
E3
E2
D
E
D1
D2
L1
e
L
N
S
øP
E1
b1
A
A1
b
A2
b2
DIM
0.55
6.04
5.49
1.00
3.68
4.10
20.80
16.25
15.70
0.95
3.50
19.80
13.10
3
MIN
1.90
4.83
2.27
1.07
1.85
1.90
0.238
0.216
0.039
0.145
0.161
0.075
0.819
0.640
0.618
0.022
0.190
0.089
0.042
0.073
0.037
0.075
0.138
0.780
0.516
0.68
6.30
6.00
17.65
2.60
5.10
14.15
3.70
21.10
16.13
20.32
1.35
4.47
2.41
5.21
2.54
1.33
2.16
MAX
2.16
0.027
0.214 (BSC)
3
0.248
0.236
0.695
0.557
0.102
0.201
0.831
0.635
0.053
0.146
0.800
0.176
INCHES
MIN
MAX
0.095
0.205
0.100
0.052
0.085
0.085
TO247-3-21/-41/-44
EUROPEAN PROJECTION
ISSUE DATE
0
SCALE
7.5mm
5 5
0
REVISION
09-07-2010
05
DOCUMENT NO.
Z8B00003327
b3
b4
2.87
2.87
0.113
0.113
3.38
3.13
0.133
0.123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com