Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7002KW
Description  N-Ch Small Signal MOSFET with ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002KW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N7002KW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002KW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002KW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2N7002KW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N7002KW
115mA , 60V, RDS(ON) 4 
N-Ch Small Signal MOSFET with ESD Protection
Elektronische Bauelemente
31-Mar-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
N-CHANNEL ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
2
Max.
Unit
Test Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
60
-
-
V
VGS=0, ID=10μA
Gate-Threshold Voltage
VGS(th)
1
-
2.5
VDS= VGS, ID=250μA
Drain-Source On-Resistance
RDS(ON)
-
-
4
Ω
VGS=4.5V, ID=200mA
-
-
3
VGS=10V, ID=500mA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS=60V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±10
μA
VDS=0, VGS= ±20V
Forward Transconductance
gfs
100
-
-
mS
VDS=15V, ID=250mA
Dynamic
Total Gate Charge
Qg
-
-
0.8
nC
VDS=15V, VGS=4.5V, ID=200mA
Turn-On Time
t(on)
-
-
20
nS
VDD=30V, RL=150Ω,
ID=200mA, VGEN=10V,
RG=10Ω 
Turn-Off Time
t(off
-
-
40
Input Capacitance
Ciss
-
-
35
pF
VDS=25V, VGS=0V, f=1MHz
Output Capacitance
Coss
-
-
10
Reverse Transfer Capacitance
Crss
-
-
5
Source-Drain Diode
Diode Forward Voltage
VSD
-
0.82
1.3
V
IS=200mA, VGS=0V
Continuous Diode Forward Current
IS
-
-
115
mA
Pulse Diode Forward Current
ISM
-
-
800
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com