Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7002KW
Description  N-Ch Small Signal MOSFET with ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002KW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N7002KW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002KW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002KW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2N7002KW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N7002KW
115mA , 60V, RDS(ON) 4 
N-Ch Small Signal MOSFET with ESD Protection
Elektronische Bauelemente
31-Mar-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOT-323
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
RDS(ON), VGS@10V, IDS@500mA=3
RDS(ON), VGS@4.5V, IDS@200mA=4
Advanced Trench Process Technology
High Density Cell Design For Ultra Low On-Resistance
Very Low Leakage Current In Off Condition
Specially Designed for Battery Operated Systems,
Solid-State Relays Drivers:Relays, Displays, Lamps,
Solenoids, Memories, etc.
ESD Protected 2KV HBM
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOT-323 Package
Terminals: Solderable per MIL-STD-750,
Method 2026
MARKING
K72
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-323
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
115
mA
Pulsed Drain Current
1
IDM
800
mA
Maximum Power Dissipation
TA=25°C
PD
200
mW
TA=75°C
120
Thermal Resistance Junction-Ambient (PCB mounted)
2
RJA
625
°C / W
Operating Junction and Storage Temperature
TJ, TSTG
-55~150
°C
Notes:
1. Maximum DC current limited by the package.
2. Surface mounted on FR4 board, t < 5sec.

Gate

Source
Drain

REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2N7002KW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Fairchild Semiconductor
2N7002KW FAIRCHILD-2N7002KW Datasheet
291Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
Unisonic Technologies
2N7002KW UTC-2N7002KW Datasheet
203Kb / 4P
N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
2N7002KW FORMOSA-2N7002KW Datasheet
113Kb / 8P
N-Channel SMD MOSFET ESD Protection
logo
Jiangsu Changjiang Elec...
2N7002KW JIANGSU-2N7002KW Datasheet
1Mb / 5P
N-Channel MOSFET
More results

Similar Description - 2N7002KW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
logo
SeCoS Halbleitertechnol...
2N7002KG SECOS-2N7002KG Datasheet
680Kb / 5P
N-Ch Small Signal MOSFET with Gate Protection
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
logo
SeCoS Halbleitertechnol...
2N7002K SECOS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002 Datasheet
88Kb / 2P
N-Ch Small Signal MOSFET
S2N7002W SECOS-S2N7002W Datasheet
93Kb / 3P
N-Ch Small Signal MOSFET
2N7002KW SECOS-2N7002KW_15 Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002_15 Datasheet
147Kb / 2P
N-Ch Small Signal MOSFET
logo
SEC Electronics Inc.
2N7002K SECELECTRONICS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECELECTRONICS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com