Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4253 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4253
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4253 Datasheet HTML 1Page - Infineon Technologies AG TLE4253 Datasheet HTML 2Page - Infineon Technologies AG TLE4253 Datasheet HTML 3Page - Infineon Technologies AG TLE4253 Datasheet HTML 4Page - Infineon Technologies AG TLE4253 Datasheet HTML 5Page - Infineon Technologies AG TLE4253 Datasheet HTML 6Page - Infineon Technologies AG TLE4253 Datasheet HTML 7Page - Infineon Technologies AG TLE4253 Datasheet HTML 8Page - Infineon Technologies AG TLE4253 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
5
Rev. 1.2, 2009-11-09
TLE4253
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
-40
°C ≤ Tj ≤ 150 °C; all voltages with respect to ground (unless otherwise specified).
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Input voltage
V
I
-42
45
V
–
4.1.2
Output voltage
V
Q
-2
45
V
–
4.1.3
Adjust / Enable Input
V
ADJ/EN
-42
45
V
–
4.1.4
Feedback Input
V
FB
-42
45
V
–
Temperature
4.1.5
Junction Temperature
T
j
-40
150
°C–
4.1.6
Storage Temperature
T
stg
-50
150
°C–
ESD Rating
4.1.7
ESD Susceptibility
V
ESD,HBM
-4
4
kV
HBM2)
2) ESD susceptibility Human Body Model “HBM” according to EIA/JESD 22-A 114B.
4.1.8
V
ESD,CDM
-1
1
kV
CDM3)
3) ESD susceptibility Charged Device Model “CDM” according to EIA/JESD22-C101 or ESDA STM5.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com