Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4253 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4253
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4253 Datasheet HTML 7Page - Infineon Technologies AG TLE4253 Datasheet HTML 8Page - Infineon Technologies AG TLE4253 Datasheet HTML 9Page - Infineon Technologies AG TLE4253 Datasheet HTML 10Page - Infineon Technologies AG TLE4253 Datasheet HTML 11Page - Infineon Technologies AG TLE4253 Datasheet HTML 12Page - Infineon Technologies AG TLE4253 Datasheet HTML 13Page - Infineon Technologies AG TLE4253 Datasheet HTML 14Page - Infineon Technologies AG TLE4253 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
11
Rev. 1.2, 2009-11-09
TLE4253
Electrical Characteristics
Typical Performance Characteristics Tracking Regulator
V
ADJ/EN = 5 V; VFB = VQ (unless otherwise noted)
Load Regulation d
V
Q,line vs.
Output Current Change d
I
Q
Tracking Accuracy
∆VQ vs.
Junction Temperature
T
j
Line Transient Response
Load Transient Response
0
∆Ι
Q [mA]
100
150
200
∆V
Q [mV]
dVQ-dIQ.vsd
-1
-2
-3
0
50
T
j = 125 °C
T
j = 25 °C
steady-state condition
I
Q,initial = 0 mA
V
ADJ = 5 V
-40
T
j [°C]
-20
20 40
80 100
∆V
Q
[mV]
dVQ-Tj.vsd
0
-2
-4
2
0
60
140
120
I
Q = 0.1 mA
I
Q = 200 mA
0
t [µs]
80
100
∆V
Q
[mV]
dVI-reponse.vsd
16
9
40
120
V
I
[V]
I
Q = 5 mA
C
Q = 10 µF Ceramic
-25
125
0
0
t [µs]
100
150
∆V
Q
[mV]
dIQresponse.vsd
100
10
0
50
200
Ι
Q
[mA]
V
I = 13.5 V
V
ADJ = 5 V
C
Q = 10 µF
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com