Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4917 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4917
Description  Low Power Hall Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4917 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4917_06 Datasheet HTML 5Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 6Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 7Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 8Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 9Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 10Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 11Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 12Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
9
Supply current ISSTB during Standby
Supply current ISSTB during Standby
Time versus Temperature (VS=2.7V)
Time versus Supply Voltage VS (TA=20°C)
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
I [µA]
T [°C]
SSTB
I
2.5
3
3.5
4
4.5
5
5.5
6
0
2
4
6
8
10
12
14
16
18
20
I [µA]
SSTB
I
S
V [V]
Output Saturation voltage VQSAT
Standby Time tstb versus Temperature
versus Temperature ( IQ=1mA )
(VS = 2.7V)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
200
V[mV]
V QSAT
T [°C]
-40
-20
0
20
40
60
80
100
100
110
120
130
140
150
160
170
180
tstb
t [ms]
T [°C ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com